Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7827 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7827
Description  3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7827 Datasheet(HTML) 2 Page - Analog Devices

  AD7827 Datasheet HTML 1Page - Analog Devices AD7827 Datasheet HTML 2Page - Analog Devices AD7827 Datasheet HTML 3Page - Analog Devices AD7827 Datasheet HTML 4Page - Analog Devices AD7827 Datasheet HTML 5Page - Analog Devices AD7827 Datasheet HTML 6Page - Analog Devices AD7827 Datasheet HTML 7Page - Analog Devices AD7827 Datasheet HTML 8Page - Analog Devices AD7827 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
AD7827–SPECIFICATIONS
(VDD = +3 V
10%, VDD = +5 V
10%, GND = 0 V, VREFIN/REFOUT = 2.5 V. All
specifications –40 C to +105 C unless otherwise noted.)
Parameter
Version B
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 30 kHz; fSAMPLE = 1 MHz
Signal-to-(Noise + Distortion) Ratio
1
48
dB min
Total Harmonic Distortion
1
–55
dB max
Peak Harmonic or Spurious Noise
1
–55
dB max
Intermodulation Distortion
1
fa = 29.1 kHz; fb = 29.9 kHz
2nd Order Terms
–65
dB typ
3rd Order Terms
–65
dB typ
DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity (INL)
1
±0.5
LSB max
Differential Nonlinearity (DNL)
1
±0.5
LSB max
Offset Error
1
±1.5
LSB max
Gain Error
1
±2
LSB max
Minimum Resolution for Which
No Missing Codes are Guaranteed
8
Bits
ANALOG INPUT
2
Input Voltage Range
0
V min
VDD = 5 V
2.5
V max
0
V min
VDD = 3 V
2
V max
Input Leakage Current
±1
µA max
Input Capacitance
10
pF max
REFERENCE INPUT
VREFIN/REFOUT Input Voltage Range
2.55
V max
2.45
V min
Input Current
±1
µA typ
±50
µA max
LOGIC INPUTS
CONVST, SCLK
VINH, Input High Voltage
2.4
V min
VDD = 5 V ± 10%
VINL, Input Low Voltage
0.8
V max
VDD = 5 V
± 10%
VINH, Input High Voltage
2.0
V min
VDD = 3 V
± 10%
VINL, Input Low Voltage
0.4
V max
VDD = 3 V ± 10%
Input Current, IINH
±1
µA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance
10
pF max
LOGIC OUTPUTS
DOUT, RFS
VOH, Output High Voltage
ISOURCE = 200
µA
4
V max
VDD = 5 V
± 10%
2.4
V min
VDD = 3 V ± 10%
VOL, Output Low Voltage
ISINK = 200
µA
0.4
V max
VDD = 5 V
± 10%
0.2
V min
VDD = 3 V ± 10%
High Impedance Leakage Current
±1
µA max
High Impedance Capacitance
15
pF max
CONVERSION RATE
Conversion Time
420
ns max
Track/Hold Acquisition Time
200
ns max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com