Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7836AS Datasheet(PDF) 12 Page - Analog Devices

Part # AD7836AS
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836AS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7836AS Datasheet HTML 4Page - Analog Devices AD7836AS Datasheet HTML 5Page - Analog Devices AD7836AS Datasheet HTML 6Page - Analog Devices AD7836AS Datasheet HTML 7Page - Analog Devices AD7836AS Datasheet HTML 8Page - Analog Devices AD7836AS Datasheet HTML 9Page - Analog Devices AD7836AS Datasheet HTML 10Page - Analog Devices AD7836AS Datasheet HTML 11Page - Analog Devices AD7836AS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7836
–12–
REV. A
*ADDITIONAL PINS OMITTED FOR CLARITY
+5V
8/10-BIT
DAC
VDD
VDD
GND
–5V
LOGIC LEVEL
SHIFT
GND
SCLK
SDATA
CONTROLLER
DATA BUS
SCLK
DIN
FSIN/CS
ADDR BUS
0V to -5V
0V to 5V
8/10-BIT
DAC
SCLK
DIN
FSIN/CS
ADDR
DECODER
VREF(+)A
VREF(–) A
AD7836
*
VOUTA
AGND
VOUT
DATA BUS
A0,A1,A2
Figure 22. Programmable Reference Generation for the AD7836
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead MQFP (S-44)
0.548 (13.925)
0.546 (13.875)
0.033 (0.84)
0.029 (0.74)
0.016 (0.41)
0.012 (0.30)
TOP VIEW
(PINS DOWN)
1
33
34
44
11
12
23
22
0.398 (10.11)
0.390 (9.91)
0.083 (2.11)
0.077 (1.96)
0.040 (1.02)
0.032 (0.81)
0.040 (1.02)
0.032 (0.81)
SEATING
PLANE
0.096 (2.44)
MAX
0.037 (0.94)
0.025 (0.64)
8
0.8
these DACs can be operated with supplies of 0 V and a –5 V,
with the VDD pin connected to 0 V and the GND pin connected
to –5 V. Now these can be used to provide the negative refer-
ence voltages for the VREF(–) inputs on the AD7836. However,
the digital signals driving the DACs need to be level shifted
from the 0 V to +5 V range to the –5 V to 0 V range. Figure 22
shows a typical application circuit to provide programmable ref-
erence capabilities for the AD7836.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com