Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7856 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7856
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856 Datasheet(HTML) 2 Page - Analog Devices

  AD7856 Datasheet HTML 1Page - Analog Devices AD7856 Datasheet HTML 2Page - Analog Devices AD7856 Datasheet HTML 3Page - Analog Devices AD7856 Datasheet HTML 4Page - Analog Devices AD7856 Datasheet HTML 5Page - Analog Devices AD7856 Datasheet HTML 6Page - Analog Devices AD7856 Datasheet HTML 7Page - Analog Devices AD7856 Datasheet HTML 8Page - Analog Devices AD7856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
–2–
REV. A
AD7856–SPECIFICATIONS1, 2
Parameter
A Version
1
K Version
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 10 kHz
Signal to Noise + Distortion Ratio
3 (SNR)
78
78
dB min
79.5 dB typ
Total Harmonic Distortion (THD)
–86
–86
dB max
–95 dB typ
Peak Harmonic or Spurious Noise
–87
–87
dB max
–95 dB typ
Intermodulation Distortion (IMD)
Second Order Terms
–86
–90
dB typ
fa = 9.983 kHz, fb = 10.05 kHz
Third Order Terms
–86
–90
dB typ
fa = 9.983 kHz, fb = 10.05 kHz
Channel-to-Channel Isolation
–90
–90
dB typ
VIN = 25 kHz
DC ACCURACY
Any Channel
Resolution
14
14
Bits
Integral Nonlinearity
±2
LSB max
4.096 V External Reference, VDD = 5 V
±2
LSB typ
Differential Nonlinearity
±2
LSB max
Guaranteed No Missed Codes to 13 Bits.
±2
LSB typ
Offset Error
±10
LSB max
±10
±5
LSB typ
Offset Error Match
±3
LSB max
Positive Full-Scale Error
±10
LSB max
±10
LSB typ
Positive Full-Scale Error Match
±2
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
Volts
i.e., AIN(+) – AIN(–) = 0 to VREF, AIN(–) Can Be
Biased Up, but AIN(+) Cannot Go Below AIN(–)
Leakage Current
±1
±1
µA max
Input Capacitance
20
20
pF typ
REFERENCE INPUT/OUTPUT
REFIN Input Voltage Range
4.096/VDD
2.3/VDD
V min/max
Functional from 1.2 V
Input Impedance
150
150
k
Ω typ
Resistor Connected to Internal Reference Node
REFOUT Output Voltage
3.696/4.496
3.696/4.496
V min/max
REFOUT Tempco
20
20
ppm/
°C typ
LOGIC INPUTS
Input High Voltage, VINH
VDD – 1.0
VDD – 1.0
V min
Input Low Voltage, VINL
0.4
0.4
V max
Input Current, IIN
±1
±1
µA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN
4
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD – 0.4
VDD – 0.4
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 0.8 mA
Floating-State Leakage Current
±1
±1
µA max
Floating-State Output Capacitance
4
10
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
3.5
5.25
µs max
21 CLKIN Cycles
Track/Hold Acquisition Time
0.33
0.5
µs min
A Grade: fCLKIN = 6 MHz, (–40 C to +105 C), fSAMPLE = 285 kHz; K Grade:
fCLKIN = 4 MHz, (0 C to +105 C), fSAMPLE = 102 kHz; (AVDD = DVDD = +5.0 V
5%,
REFIN/REFOUT = 4.096 V External Reference unless otherwise noted, SLEEP = Logic High; TA = TMIN to TMAX, unless otherwise noted.) Specifica-
tions apply for Mode 2 operation, standard 3-wire SPI interface; refer to Detailed Timing section for Mode 1 Specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com