Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWC Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MWC
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MWC Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MWC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MWC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Snap-In Aluminum
Electrolytic Capacitors
MWC Series
Series
W.V(V)
350(2V)
400(2G)
Cap (
μF)
φ 22
φ
φ 30
25
φ 35
φ 22
φ 25
φ
φ 35
30
82
22x25
0.78
100
22x25
22x30
25x25
0.86
0.90
0.90
120
22x30
25x25
22x35
25x25
0.99
0.99
1.02
0.98
150
22x35
25x30
22x40
25x30
30x25
1.14
1.10
1.16
1.14
1.16
180
22x40
25x30
30x25
22x45
25x35
30x30
35x25
1.28
1.24
1.24
1.31
1.30
1.44
1.32
220
22x45
25x35
30x30
35x25
22x45
25x40
30x35
35x25
1.44
1.44
1.44
1.44
1.49
1.47
1.57
1.47
270
22x50
25x40
30x35
35x30
22x50
25x45
30x35
35x30
1.64
1.63
1.66
1.63
1.64
1.67
1.66
1.69
330
25x50
30x35
35x30
25x50
30x40
35x30
1.88
1.83
1.87
1.88
1.90
1.87
390
30x40
35x35
30x45
35x35
2.06
2.03
2.13
2.08
470
30x50
35x40
30x50
35x40
2.40
2.33
2.40
2.39
560
35x40
35x45
2.60
2.69
680
35x45
35x50
2.96
3.04
820
35x50
35x60
3.04
3.20
IR : Maxium permissible ripple current [A(rms) at 85oC,120Hz]
Case size [φ DxL (mm)]
rev.7a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com