Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7851ARS Datasheet(PDF) 27 Page - Analog Devices

Part # AD7851ARS
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851ARS Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7851ARS Datasheet HTML 23Page - Analog Devices AD7851ARS Datasheet HTML 24Page - Analog Devices AD7851ARS Datasheet HTML 25Page - Analog Devices AD7851ARS Datasheet HTML 26Page - Analog Devices AD7851ARS Datasheet HTML 27Page - Analog Devices AD7851ARS Datasheet HTML 28Page - Analog Devices AD7851ARS Datasheet HTML 29Page - Analog Devices AD7851ARS Datasheet HTML 30Page - Analog Devices AD7851ARS Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
–27–
REV. A
AD7851
extra bit on the DOUT pin.
If the user has control of the CONVST pin but does not want to
exercise it for every conversion, the control register may be used
to start a conversion. Setting the CONVST bit in the control
register to 1 starts a conversion. If the user does not have con-
trol of the CONVST pin, a conversion should not initiated by
writing to the control register. The reason for this is that the
user may get “locked out” and not be able to perform any fur-
ther write/read operations. When a conversion is started by writ-
ing to the control register, the SYNC goes low and read/write
operations take place while the conversion is in progress. How-
ever, once the conversion is complete, there is no way of writing
to the part unless the CONVST pin is exercised. The CONVST
signal triggers the SYNC signal low which allows read/write op-
erations to take place. SYNC must be low to perform read/write
operations. The SYNC is triggered low by the CONVST signal
rising edge or setting the CONVST bit in the control register to
1. Therefore if there is not full control of the CONVST pin the
user may end up getting “locked out.”
SERIAL
INTERFACE
MODE
?
POWER-ON, APPLY CLKIN SIGNAL,
WAIT 150ms FOR AUTOMATIC CALIBRATION
DIN CONNECTED TO DGND
NO
YES
START
WAIT FOR BUSY SIGNAL
TO GO LOW
PULSE
CONVST PIN
READ
DATA
DURING
CONVERSION
?
WAIT APPROXIMATELY 200ns
AFTER
CONVST RISING EDGE
APPLY
SYNC (IF REQUIRED), SCLK AND READ
CONVERSION RESULT ON DOUT PIN
PULSE
CONVST PIN
SYNC AUTOMATICALLY GOES LOW
AFTER
CONVST RISING EDGE
SCLK AUTOMATICALLY ACTIVE, READ
CONVERSION RESULT ON DOUT PIN
4, 5
2, 3
Figure 40. Flowchart for Setting Up and Reading from the AD7851
CONFIGURING THE AD7851
AD7851 as a Read-Only ADC
The AD7851 contains fourteen on-chip registers which can be
accessed via the serial interface. In the majority of applications it
will not be necessary to access all of these registers. Figure 40
outlines a flowchart of the sequence which is used to configure
the AD7851 as a Read-Only ADC. In this case there is no writ-
ing to the on-chip registers and only the conversion result data is
read from the part. Interface Mode 1 cannot be used in this case
as it is necessary to write to the control register to set Interface
Mode 1. Here the CLKIN signal is applied directly after power-
on, the CLKIN signal must be present to allow the part to per-
form a calibration. This automatic calibration will be completed
approximately 150 ms after power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com