Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7856ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7856ARS Datasheet HTML 11Page - Analog Devices AD7856ARS Datasheet HTML 12Page - Analog Devices AD7856ARS Datasheet HTML 13Page - Analog Devices AD7856ARS Datasheet HTML 14Page - Analog Devices AD7856ARS Datasheet HTML 15Page - Analog Devices AD7856ARS Datasheet HTML 16Page - Analog Devices AD7856ARS Datasheet HTML 17Page - Analog Devices AD7856ARS Datasheet HTML 18Page - Analog Devices AD7856ARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD7856
–15–
REV. A
AUTO CAL ON
POWER-UP
AVDD DVDD
AIN(+)
AIN(–)
CREF1
CREF2
SLEEP
DIN
DOUT
SYNC
CONVST
AGND
DGND
CLKIN
SCLK
REFIN/REFOUT
AD7856
ANALOG
SUPPLY
+5V
0.1 F
0.1 F
10 F
DVDD
0.01 F
MASTER CLOCK
INPUT
CONVERSION
START INPUT
FRAME SYNC INPUT
SERIAL DATA
OUTPUT
0.1 F
CAL
0.01 F
INTERNAL/
EXTERNAL
REFERENCE
0V TO 4.096V
INPUT
6MHz/4MHz OSCILLATOR
SERIAL CLOCK
INPUT
285kHz/148kHz PULSE GENERATOR
CH1
CH2
CH3
CH4
OSCILLOSCOPE
OPTIONAL
EXTERNAL
REFERENCE
AD780/
REF-198
SERIAL DATA INPUT
CH5
PULSE GENERATOR
DATA GENERATOR
0.1 F
2 LEADING
ZEROS FOR
ADC DATA
470nF
Figure 10. Typical Circuit
CIRCUIT INFORMATION
The AD7856 is a fast, 14-bit single supply A/D converter. The
part requires an external 6 MHz/4 MHz master clock (CLKIN),
two CREF capacitors, a CONVST signal to start conversion and
power supply decoupling capacitors. The part provides the user
with track/hold, on-chip reference, calibration features, A/D
converter and serial interface logic functions on a single chip.
The A/D converter section of the AD7856 consists of a conven-
tional successive-approximation converter based around a ca-
pacitor DAC. The AD7856 accepts an analog input range of 0
to +VDD where the reference can be tied to VDD. The reference
input to the part is buffered on-chip.
A major advantage of the AD7856 is that a conversion can be
initiated in software as well as applying a signal to the
CONVST
pin. Another innovative feature of the AD7856 is self-calibration
on power-up, which is initiated having a 0.01
µF capacitor from
the
CAL pin to DGND, to give superior dc accuracy. The part
should be allowed 150 ms after power up to perform this auto-
matic calibration before any reading or writing takes place. The
part is available in a 24-pin SSOP package and this offers the
user considerable spacing saving advantages over alternative
solutions.
CONVERTER DETAILS
The master clock for the part must be applied to the CLKIN
pin. Conversion is initiated on the AD7856 by pulsing the
CONVST input or by writing to the control register and setting
the CONVST bit to 1. On the rising edge of
CONVST (or at
the end of the control register write operation), the on-chip
track/hold goes from track to hold mode. The falling edge of the
CLKIN signal that follows the rising edge of the
CONVST
signal initiates the conversion, provided the rising edge of
CONVST occurs at least 10 ns typically before this CLKIN
edge. The conversion cycle will take 20 CLKIN periods from
this CLKIN falling edge. If the 10 ns setup time is not met, the
conversion will take 21 CLKIN periods. The maximum speci-
fied conversion time is 3.5
µs (6 MHz) 5.25 µs (4 MHz) for the
AD7856. When a conversion is completed, the BUSY output
goes low, and then the result of the conversion can be read by
accessing the data through the serial interface. To obtain opti-
mum performance from the part, the read operation should not
occur during the conversion or 500 ns prior to the next
CONVST
rising edge. However, the maximum throughput rates are achieved
by reading/writing during conversion, and reading/writing during
conversion is likely to degrade the Signal to (Noise + Distor-
tion) by only 0.5 dBs. The AD7856 can operate at throughput
rates up to 285 kHz. For the AD7856 a conversion takes 21
CLKIN periods; two CLKIN periods are needed for the acqui-
sition time, giving a full cycle time of 3.66
µs (= 260 kHz, CLKIN
= 6 MHz). When using the software conversion start for maximum
throughput the user must ensure the control register write op-
eration extends beyond the falling edge of BUSY. The falling
edge of BUSY resets the
CONVST bit to 0 and allows it to be
reprogrammed to 1 to start the next conversion.
TYPICAL CONNECTION DIAGRAM
Figure 10 shows a typical connection diagram for the AD7856.
The AGND and DGND pins are connected together at the
device for good noise suppression. The
CAL pin has a 0.01
µF
capacitor to enable an automatic self-calibration on power-up.
The conversion result is output in a 16-bit word with two lead-
ing zeros followed by the MSB of the 14-bit result. Note that
after the AVDD and DVDD power-up the part will require 150 ms
for the internal reference to settle and for the automatic calibra-
tion on power-up to be completed.
For applications where power consumption is a major concern
the
SLEEP pin can be connected to DGND. See Power-Down
section for more detail on low power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com