Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPS Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # NPS
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NPS Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  NPS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NPS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
PS Series
( Non Polarity,5mmL 85°C )
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
4x5
1
0.22
4x5
2
0.33
4x5
2.8
0.47
4x5
4
1.0
4x5
8.4
2.2
4x5
8.4
5x5
13
3.3
5x5
12
5x5
16
5x5
17
4.7
4x5
12
5x5
16
5x5
18
6.3x5
20
10
4x5
14
4x5
17
5x5
23
6.3x5
27
6.3x5
29
22
5x5
28
6.3x5
33
6.3x5
37
33
6.3x5
37
6.3x5
41
6.3x5
49
47
6.3x5
45
All blank voltage on sleeve marking is the same voltage as “” point to.
Case size
: DxL
(mm)
Max. ripple current
: mA(rms)
85
C
120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com