Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7866 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7866 Datasheet HTML 9Page - Analog Devices AD7866 Datasheet HTML 10Page - Analog Devices AD7866 Datasheet HTML 11Page - Analog Devices AD7866 Datasheet HTML 12Page - Analog Devices AD7866 Datasheet HTML 13Page - Analog Devices AD7866 Datasheet HTML 14Page - Analog Devices AD7866 Datasheet HTML 15Page - Analog Devices AD7866 Datasheet HTML 16Page - Analog Devices AD7866 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD7866
–13–
Digital Inputs
The digital inputs applied to the AD7866 are not limited by the
maximum ratings which limit the analog inputs. Instead, the
digital inputs applied can go to 7 V and are not restricted by the
VDD + 0.3 V limit as on the analog inputs. See maximum ratings.
Another advantage of SCLK, RANGE, REF SELECT, A0,
and
CS not being restricted by the V
DD + 0.3 V limit is the fact
that power supply sequencing issues are avoided. If one of
these digital inputs is applied before VDD, there is no risk of
latch-up as there would be on the analog inputs if a signal greater
than 0.3 V were applied prior to VDD.
VDRIVE
The AD7866 also has the VDRIVE feature. VDRIVE controls the
voltage at which the serial interface operates. VDRIVE allows the
ADC to easily interface to both 3 V and 5 V processors. For
example, if the AD7866 was operated with a VDD of 5 V, the
VDRIVE pin could be powered from a 3 V supply, allowing a large
dynamic range with low voltage digital processors. For example,
the AD7866 could be used with the 2
× VREF input range, with a
VDD of 5 V while still being able to interface to 3 V digital parts.
REFERENCE SECTION
The AD7866 has various reference configuration options. The
REF SELECT pin allows the choice of using an internal 2.5 V
reference or applying an external reference, or even an individual
external reference for each on-chip ADC if desired. If the REF
SELECT pin is tied to AGND then the on-chip 2.5 V reference
is used as the reference source for both ADC A and ADC B. In
addition, pins VREF, DCAPA, and DCAPB must be tied to decoupling
capacitors (100 nF, 470 nF, and 470 nF recommended, respec-
tively). If the REF SELECT pin is tied to a logic high, then an
external reference can be supplied to the AD7866 through the
VREF pin to overdrive the on-chip reference, in which case decoupling
capacitors are required on DCAPA and DCAPB again. However, if
the VREF pin is tied to AGND while REF SELECT is tied to a
logic low, then an individual external reference can be applied to
both ADC A and ADC B through pins DCAPA and DCAPB,
respectively. Table II summarizes these reference options.
For specified performance the last configuration was used, with
the same reference voltage applied to both DCAPA and DCAPB.
The connections for the relevant reference pins are shown in the
typical connection diagrams. If the internal reference is being
used, the VREF pin should have a 100 nF capacitor connected to
AGND very close to the VREF pin. These connections are shown
in Figure 12.
DCAPB
DCAPA
VREF
470nF
AD7866
470nF
100nF
Figure 12. Relevant Connections When Using
Internal Reference
Figure 13 shows the connections required when an external
reference is applied to DCAPA and DCAPB. In this example the same
reference voltage is applied at each pin; however, a different volt-
age may be applied at each of these pins for each on-chip ADC.
An external reference applied at these pins may have a range from
2 V to 3 V but for specified performance it must be within
±1%
of 2.5 V. Figure 14 shows the third option which is to overdrive the
internal reference through the VREF pin. This is possible due to the
series resistance from the VREF pin to the internal reference. This
external reference can have a range from 2 V to 3 V, but again to get
as close as possible to the specified performance a 2.5 V reference is
desirable. DCAPA and DCAPB decouple each on-chip reference buffer
as shown in Figure 15. If the on-chip 2.5 V reference is being used,
and is to be applied externally to the rest of the system, it may
DCAPB
DCAPA
VREF
AD7866
VREF
REF SELECT
Figure 13. Relevant Connections When Applying an
External Reference at DCAP A and/or DCAP B
DCAPB
DCAPA
VREF
470nF
AD7866
470nF
VREF
REF SELECT
VDRIVE
Figure 14. Relevant Connections When Applying an
External Reference at VREF
Table II. Reference Selection
Reference Option
REF SELECT
VREF
1
DCAP A and DCAPB
2
Internal
Low
Decoupling Capacitor
Decoupling Capacitor
Externally through VREF
High
External Reference
Decoupling Capacitor
Externally through
DCAP A and/or DCAPB
Low
AGND
External Reference A and/or
Reference B
NOTES
1Recommended value of decoupling capacitor = 100 nF.
2Recommended value of decoupling capacitor = 470 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com