Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REL Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # REL
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REL Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  REL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REL Series
(Long Life, Low Impedance)
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
25
35
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
470
8x20
0.041
1.25
10x20
0.023
1.82
10x16
0.038
1.43
560
10x20
0.036
1.50
10x25
0.022
2.15
680
10x20
0.023
1.82
12.5x20
0.021
2.36
820
10x25
0.022
2.15
12.5x20
0.020
2.45
1000
12.5x20
0.021
2.36
12.5x25
0.018
2.77
1200
12.5x20
0.019
2.46
12.5x30
0.016
3.29
16x20
0.018
3.14
1500
12.5x25
0.018
2.77
12.5x35
0.015
3.40
1800
12.5x30
0.016
3.29
16x25
0.016
3.46
16x20
0.018
3.14
2200
12.5x35
0.015
3.40
Cap.
(uF)
V
50
63
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
22
5x11
0.340
0.24
6.3x11
0.726
0.22
33
6.3x11
0.320
0.28
6.3x15
0.564
0.30
47
6.3x11
0.310
0.34
8x11.5
0.453
0.38
56
6.3x11
0.140
0.39
8x11.5
0.404
0.42
100
8x11.5
0.074
0.72
10x16
0.264
0.54
120
8x15
0.061
0.95
10x16
0.220
0.73
150
10x12.5
0.061
0.98
10x16
0.187
0.80
180
8x20
0.046
1.19
10x20
0.153
0.90
220
10x16
0.042
1.37
10x25
0.133
1.08
330
10x25
0.028
1.87
12.5x20
0.113
1.33
470
12.5x20
0.027
2.05
12.5x25
0.091
1.66
560
12.5x25
0.023
2.41
16x25
0.074
2.19
680
12.5x30
0.021
2.86
16x25
0.059
2.24
820
12.5x35
0.019
2.96
16x31.5
0.054
2.72
16x20
0.023
2.73
1000
16x25
0.021
3.01
16x35.5
0.048
3.17
Case size
: DxL
(mm)
Max. impedance
: Ω
20
C
100kHz
Max. ripple current
: A(rms)
105
C 100kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com