Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7868BN Datasheet(PDF) 6 Page - Analog Devices

Part # AD7868BN
Description  LC2MOS Complete, 12-Bit Analog I/O System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7868BN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7868BN Datasheet HTML 2Page - Analog Devices AD7868BN Datasheet HTML 3Page - Analog Devices AD7868BN Datasheet HTML 4Page - Analog Devices AD7868BN Datasheet HTML 5Page - Analog Devices AD7868BN Datasheet HTML 6Page - Analog Devices AD7868BN Datasheet HTML 7Page - Analog Devices AD7868BN Datasheet HTML 8Page - Analog Devices AD7868BN Datasheet HTML 9Page - Analog Devices AD7868BN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7868
–6–
REV. B
CONVERTER DETAILS
The AD7868 is a complete 12-bit I/O port, the only external
components required for normal operation are pull-up resistors
for the ADC data outputs and power supply decoupling capaci-
tors. It is comprised of a 12-bit successive approximation ADC
with a track/hold amplifier, a 12-bit DAC with a buffered output
and two 3 V buried Zener references, a clock oscillator and con-
trol logic.
ADC CLOCK
The AD7868 has an internal clock oscillator which can be used
for the ADC conversion procedure. The oscillator is enabled by
tying the CLK input to VSS. The oscillator in laser trimmed at
the factory to give a conversion time of between 8.5 and 10
µs.
The mark/space ratio can vary from 40/60 to 60/40. Alterna-
tively, an external TTL compatible clock may be applied to this
input. The allowable mark/space ratio of an external clock is
40/60 to 60/40. RCLK is a clock output, used for the serial in-
terface. This output is derived directly from the ADC clock
source and can be switched off at the end of conversion with the
CONTROL input.
ADC CONVERSION TIMING
The conversion time for both external clock and continuous in-
ternal clock can vary from 19 to 20 rising clock edges depending
on the conversion start to ADC clock synchronization. If a con-
version is initiated within 30 ns prior to a rising edge of the ADC
clock, the conversion time will consist of 20 rising clock edges,
i.e., 9.5
µs conversion time. For noncontinuous internal clock,
the conversion time is always 19 rising clock edges.
ADC TRACK-AND-HOLD AMPLIFIER
The track-and-hold amplifier on the analog input of the AD7868
allows the ADC to accurately convert an input sine wave of 6 V
peak–peak amplitude to 12-bit accuracy. The input impedance is
typically 9 k
Ω, an equivalent circuit is shown in Figure 1. The
input bandwidth of the track/hold amplifier is much greater than
the Nyquist rate of the ADC, even when the ADC is operated at
its maximum throughput rate. The 0.1 dB cutoff frequency oc-
curs typically at 500 kHz. The track/hold amplifier acquires an
input signal to 12-bit accuracy in less than 2
µs.
AD7868*
4.5k
Ω
*ADDITIONAL PINS OMITTED FOR CLARITY
VIN
TO INTERNAL
COMPARATOR
TRACK/HOLD
AMPLIFIER
TO INTERNAL
3V REFERENCE
4.5k
Ω
Figure 1. ADC Analog Input
The overall throughput rate is equal to the conversion time plus
the track/hold amplifier acquisition time. For a 2.0 MHz input
clock the throughput time is 12
µs max.
The operation of the track/hold amplifier is essentially transpar-
ent to the user. The track/hold amplifier goes from its track
mode to its hold mode at the start of conversion on the rising
edge of CONVST.
INTERNAL REFERENCES
The AD7868 has two on-chip temperature compensated buried
Zener references which are factory trimmed to 3 V
± 10 mV.
One reference provides the appropriate biasing for the ADC,
while the other is available as a reference of the DAC. Both ref-
erence outputs are available (labeled RO DAC and RO ADC)
and are capable of providing up to 500
µA to an external load.
The DAC input reference (RI DAC) can be stored externally or
connected to any of the two on-chip references. Applications
requiring good full-scale error matching between the DAC and
the ADC should use the ADC reference as shown in Figure 4.
The maximum recommended capacitance on either of the refer-
ence output pins for normal operation is 50 pF. If either of the
reference outputs is required to drive a capacitive load greater
than 50 pF, then a 200
Ω resistor must be placed in series with
the capacitive load. The addition of decoupling capacitors,
10
µF in parallel with 0.1 µF, as shown in Figure 2, improves
noise performance. The improvement in noise performance can
be seen from the graph in Figure 3. Note, this applies for the
DAC output only; reference decoupling components do not af-
fect ADC performance. So, a typical application will have just
the DAC reference source decoupled with the other one open
circuited.
RI DAC
200
Ω
10
µF
0.1
µF
RO DAC
or
RO ADC*
EXT LOAD
GREATER THAN 50pF
*RO DAC/RO ADC CAN BE LEFT
OPEN CIRCUIT IF NOT USED
Figure 2. Reference Decoupling Circuitry
DAC OUTPUT AMPLIFIER
The output from the voltage-mode DAC is buffered by a nonin-
verting amplifier. The buffer amplifier is capable of developing
±3 V across 2 kΩ and 100 pF load to ground and can produce
6 V peak-to-peak sine wave signals to a frequency of 20 kHz.
The output is updated on the falling edge of the LDAC input.
The output voltage settling time, to within 1/2 LSB of its final
value, is typically less than 2
µs.
The small signal (200 mV p-p) bandwidth of the output buffer
amplifier is typically 1 MHz. The output noise from the ampli-
fier is low with a figure of 30 nV/
√Hz at a frequency of 1 kHz.
The broadband noise from the amplifier exhibits a typical peak-
to-peak figure of 150
µV for a 1 MHz output bandwidth. Fig-
ure 3 shows a typical plot of noise spectral density versus fre-
quency for the output buffer amplifier and for either of the
on-chip references.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com