Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7869JR Datasheet(PDF) 13 Page - Analog Devices

Part # AD7869JR
Description  LC2MOS Complete, 14-Bit Analog I/O System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7869JR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7869JR Datasheet HTML 8Page - Analog Devices AD7869JR Datasheet HTML 9Page - Analog Devices AD7869JR Datasheet HTML 10Page - Analog Devices AD7869JR Datasheet HTML 11Page - Analog Devices AD7869JR Datasheet HTML 12Page - Analog Devices AD7869JR Datasheet HTML 13Page - Analog Devices AD7869JR Datasheet HTML 14Page - Analog Devices AD7869JR Datasheet HTML 15Page - Analog Devices AD7869JR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7869
–13–
REV. A
IN
OUT
GND
5V
V+
IC5
78L05
C2
0.1
µF
C23
10
µF
DGND
LDAC
CONVST
IN
OUT
GND
V–
RO ADC
RI DAC
RO DAC
CONTROL
CLK
AGND
DGND
RCLK
DR
TCLK
RFS
TFS
DT
5V
LK1
LK4
A
B
C
A
B
C
LK5
LK6
A
B
C
LK7
LK8
AD711
ANALOG INPUT
±3V RANGE
ANALOG OUTPUT
±3V RANGE
LK2
VSS
COMPONENT
GRID
LK3
A
B
C
A
B
C
A
B
C
AB
C
IC2
SKT1
SKT2
LDAC
SKT3
CONVST
SKT4
A
B
CLR
5V
CEXT
Q
5V
GND
IC8 1/2
74HC221
AGND
V+
R3
4.7k
Ω
R4
2k
Ω
R5
4.7k
Ω
5V
DR
RCLK
RFS
TFS
TCLK
DT
DGND
SKT6
9-WAY D-TYPE
CONNECTOR
LK9
IC7 1/2
74HC4050
SKT5
EXT CLK
IC6
79L05
+
C6
0.1
µF
C5
10
µF
C8
0.1
µF
C7
10
µF
VOUT
C4
0.1
µF
C3
10
µF
COMPONENT
GRID
C10
0.1
µF
C9
10
µF
V +
AD711
IC3
+
V–
C12
0.1
µF
C11
10
µF
IC4
ADG201HS
R1
2k
Ω
C21
330pF
R2
2k
Ω
IC1
AD7869
C24
0.1
µF
R7
200
C1
10
µF
R6
15k
C22
68pF
5V
–
5V
–
5V
–
V –
VSS
VCC
REXT/CEXT
VDD
VDD
VIN
Figure 19. Input/Output Circuit Based on the AD7869
LK5, ADC Internal Clock Selection
This link configures the ADC for continuous or noncontinuous
internal clock operation.
LK6, DAC Updating
The DAC,
LDAC input may asserted independently of the
ADC
CONVST signal or it may be tied to CONVST or it may
tied to GND.
LK7, ADC Clock Source
This link provides the option for the ADC to use its own inter-
nal clock oscillator or an external TTL compatible clock.
LK8 Frame Synchronous Option
LK8 provides the option of tying the ADC
RFS output to the
DAC
TFS input.
LK9 Transmit/Receive Clock Option
LK9 provides the option to connect the ADC RCLK to the
DAC TCLK.
2
4
3
1
5
6
7
8
9
NC = NO CONNECT
Figure 20. SKT6, D-Type Connector Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com