Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFZ Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RFZ
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RFZ Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RFZ Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RFZ Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RFZ Series
(High R.C., Low IMP & ESR)
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
120
1k
10k
≥100k
Multiplier
0.50
0.80
0.90
1.00
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
Item
DxL
E.S.R.
R.C.
DxL
E.S.R.
R.C.
680
8x14
0.036
1230
820
8x11.5
0.036
1230
1000
8x16
0.028
1560
8x16
0.028
1660
10x12.5
0.028
1700
1200
8x16
0.028
1710
1500
8x20
0.018
2040
8x20
0.019
2150
10x12.5
0.020
1760
10x16
0.019
2200
1800
10x16
0.018
2140
10x20
0.013
2660
2200
10x20
0.015
2530
10x23
0.012
3000
3300
10x23
0.012
3110
3900
10x26
0.012
3480
4700
12.5x26
0.014
3810
Cap.
(uF)
V
16
25
Item
DxL
E.S.R.
R.C.
DxL
E.S.R.
R.C.
470
8x11.5
0.036
1160
10x16
0.019
2030
680
8x16
0.028
1610
10x12.5
0.028
1640
1000
8x20
0.019
2160
10x16
0.019
2210
1500
10x20
0.013
2830
1800
10x23
0.012
3300
Temperature(
C)
≤65
85
105
Multiplier
2.1
1.7
1.0
Case size
: DxL
(mm)
Max. E.S.R
: Ω
20
C
100kHz
Max. ripple current
: mA(rms)
105
C 100kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com