Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPL102K2D Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PPL102K2D
Description  Polypropylene Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PPL102K2D Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PPL102K2D Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
50/100VDC
200/250VDC
DIM.
CAP(
μF)
W
T
H
P ± 1
W
T
H
P ± 1
0.0010
5.8
3.3
10.5
3.0
7.0
4.0
11.0
3.0
0.0012
5.8
3.3
10.5
3.0
7.0
4.0
11.0
3.0
0.0015
5.8
3.3
10.5
3.0
7.0
4.0
11.0
3.0
0.0018
5.8
3.3
10.5
3.0
7.0
4.0
11.0
3.0
0.0022
5.8
3.3
10.5
3.0
7.0
4.0
11.0
3.0
0.0027
5.8
3.3
10.5
3.0
7.0
4.0
11.0
3.0
0.0033
5.8
3.3
10.5
3.0
7.0
4.0
11.0
3.0
0.0039
6.0
3.5
10.5
3.0
7.0
4.0
11.0
3.0
0.0047
6.0
3.5
10.5
3.0
7.0
4.0
11.0
3.0
0.0056
6.0
3.5
10.5
3.0
7.0
4.0
11.0
3.0
0.0068
6.0
3.5
10.5
3.0
7.0
4.0
11.0
3.0
0.0082
6.5
4.0
10.5
3.0
7.0
4.5
11.0
3.0
0.010
6.5
4.0
10.5
3.0
7.0
4.5
11.0
3.0
0.012
6.5
4.0
10.5
3.0
7.0
4.5
11.0
3.0
0.015
7.5
4.0
10.5
4.0
9.0
5.0
13.0
4.0
0.018
7.5
4.0
10.5
4.0
9.0
5.0
13.0
4.0
0.022
7.8
4.5
10.5
4.0
9.0
5.0
13.0
4.0
0.027
7.8
4.5
12.0
5.0
9.0
5.5
13.0
5.0
0.033
8.0
4.6
12.0
5.0
9.0
5.5
13.0
5.0
0.039
8.0
5.0
12.5
5.0
11.0
6.0
14.0
5.0
0.047
9.3
5.0
12.5
6.0
11.0
6.0
14.0
6.0
0.056
9.7
5.0
12.5
6.0
11.0
7.0
14.0
6.0
0.068
10.0
5.5
12.5
6.0
12.0
7.0
14.0
6.0
0.082
10.5
6.0
12.5
7.0
13.0
8.0
15.0
7.0
0.10
11.5
6.5
13.0
7.0
14.0
8.0
15.0
7.0
0.12
12.0
7.0
13.0
7.0
14.0
8.0
15.0
7.0
0.15
12.0
7.0
15.0
7.0
15.0
8.0
17.0
7.0
0.18
12.0
7.5
16.0
8.0
16.0
9.0
18.0
8.0
0.22
13.5
8.0
16.0
8.0
18.0
10.0
18.0
8.0
0.27
14.0
8.5
16.0
8.0
0.33
15.5
8.5
19.0
10.0
0.39
16.0
9.0
20.0
10.0
0.47
18.0
10.0
21.0
10.0
MERITEK
Polypropylene
Film Capacitors
PPL Series
(Inductive)
FEATURES
•
Low dissipation factor (DF) and high insulation resistance
•
High stability and reliability
•
ESR minimized by spot-welding of electrodes and lead wires
•
Epoxy resin coating enhances mechanical strength and moisture
resistance
•
Heat resistance: 240
oC ±10 (5 seconds)
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.001
μF to 0.47μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
50VDC, 100VDC, 200VDC, 250VDC
5.
Dissipation factor:
0.1% max. at 1KHz, 25
oC
6.
Insulation resistance:
≥20000MΩ (C ≤ .1μF)
≥2000MΩ• μF (C > .1μF)
PART NUMBERING SYSTEM
PPL
332
J
2A
Meritek Series
Capacitance
CODE
101
102
103
104
105
106
( pF )
100
1,000
10,000
100,000
( nF )
---
1
10
100
1000
(
μF )
---
0.001
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
2A
2D
2E
50V
100V
200V
250V
Tape & Reel/Tape & Ammo available
Please contact Factory for part numbers
PPL are constructed with polypropylene film
dielectric, tinned copper leads, and an epoxy resin
coating. They exhibit comparatively lower dielectric
absorption
and
significantly
lower
temperature
variation in electrostatic capacitance. PPL possess a
high insulation resistance and are therefore ideal
for use in circuits wherein great importance is
placed on Q factor, e.g. in RF circuits and
computers.
1.5
fications are subject to change without notice.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - PPL102K2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPL1000B ETC-PPL1000B Datasheet
131Kb / 1P
Board Mount PPL Heat Sinks
More results

Similar Description - PPL102K2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
Polypropylene Film Capacitors
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
Polypropylene Film Capacitors
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L EPCOS-B32671L Datasheet
570Kb / 30P
Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com