Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7880 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7880
Description  LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7880 Datasheet(HTML) 3 Page - Analog Devices

  AD7880 Datasheet HTML 1Page - Analog Devices AD7880 Datasheet HTML 2Page - Analog Devices AD7880 Datasheet HTML 3Page - Analog Devices AD7880 Datasheet HTML 4Page - Analog Devices AD7880 Datasheet HTML 5Page - Analog Devices AD7880 Datasheet HTML 6Page - Analog Devices AD7880 Datasheet HTML 7Page - Analog Devices AD7880 Datasheet HTML 8Page - Analog Devices AD7880 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7880
REV. 0
–3–
TIMING CHARACTERISTICS1
Limit at +25 C
Limit at TMIN, TMAX
Parameter
(All Versions)
(All Versions)
Units
Conditions/Comments
t1
50
50
ns min
CONVST
Pulse Width
t2
130
130
ns min
CONVST
to BUSY Falling Edge
t3
0
0
ns min
BUSY
to CS Setup Time
t4
0
0
ns min
CS
to RD Setup Time
t5
0
0
ns min
CS
to RD Hold Time
t6
60
75
ns min
RD
Pulse Width
t7
2
57
70
ns max
Data Access Time after RD
t8
3
55
ns min
Bus Relinquish Time after RD
50
50
ns max
NOTES
1Timing specifications in bold print are 100% production tested. All other times are sample tested at +25
°C to ensure compliance. All input signals are specified with
tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2t
7 is measured with the load circuit of Figure 2 and defined as the time required for an output to cross 0.8 V or 2.4 V.
3t
8 is derived from the measured time taken by the data outputs to change by 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapo-
lated back to remove the effects of charging the 50 pF capacitor. This means that the time, t 8, quoted in the timing characteristics is the true bus relinquish time of
the part and as such is independent of external bus loading capacitances.
(VDD = +5 V
5%, VREF = VDD, AGND = DGND = 0 V)
Table I. Truth Table
CS
CONVST
RD
Function
1
1
X
Not Selected
1
j
1
Start Conversion g
0
1
0
Enable ADC Data
0
1
1
Data Bus Three Stated
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VINA, VINB to AGND (Figure 5) . . . . . . –0.3 V to VDD + 0.3 V
VINA to AGND (Figure 6) . . . . . . . . . –0.6 V to 2 VDD + 0.6 V
VINA to AGND (Figure 7) . . . . . –VDD – 0.3 V to VDD + 0.3 V
VREF to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3 V to VDD
Digital Inputs to DGND . . . . . . . . . . .
–0.3 V to VDD + 0.3 V
Digital Outputs to DGND . . . . . . . . . .
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B, C Versions) . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . . 10 mW/°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7880 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DB0 – DB11
DATA
VALID
t
1
t
CONVERT
t 2
t
3
t
4
t
5
t 6
t
7
t
8
CONVST
BUSY
CS
RD
THREE-STATE
TRACK/HOLD
GOES INTO HOLD
Figure 1. Timing Diagram
TO OUTPUT
PIN
1.6mA
2.1V
+
200µA
50pF
Figure 2. Load Circuit for Access and Relinquish Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com