Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SNP
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SNP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SNP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SNP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SNP Series
(Non Polarity, 85°C)
FEATURES
 Height : 5.4mm
 Load life : 85°C 2000 hours
 Non polarity series using in polarity circuits
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-40 ~ +85°C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20°C)
±20%(M)
Leakage Current
(20°C)
I ≤0.05CV or 10 ( µA )
*Whichever is greater after 2 minutes
I: Leakage Current ( µA)
C: Rated Capacitance ( µF)
V: Working Voltage (V)
Surge Voltage
(20°C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissipation Factor (tan δ)
(120Hz 20°C)
W.V.
6.3
10
16
25
35
50
tan δ
0.26
0.22
0.20
0.20
0.20
0.18
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
-25°C / +20°C
4
3
2
2
2
2
-40°C / +20°C
8
6
4
4
3
3
Load Life
After 2000 hours application of W.V. and +85°C ripple current value, the capacitor shall meet
the following limits. (DC + ripple peak voltage ≤ rate working voltage)
(The polarity need to exchange every 250 hours)
Capacitance Change
≤ ±25% of initial value
Dissipation Factor
≤ 200% of initial specified value
Leakage current
≤ initial specified value
Shelf Life
At +85°C, no voltage application after 1000 hours, the capacitor shall meet the limits for load life
characteristics. (With voltage treatment)
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing
downward will fulfill the following conditions after being cooled to room temperature.
Capacitance Change
≤ ±10% of initial value
Dissipation Factor
≤ initial specified value
Leakage current
≤ initial specified value
PART NUMBERING SYSTEM
SNP
50V
470
M
F 054
Meritek Series
Voltage
Capacitance
Capacitance expressed in microfarads (μF).
First two digits are significant figures.
Third digit denotes number of zeros.
'R' denotes decimal point for values less than 10 μF
Tolerance
M=±20%
Case Diameter Code
Case Height (mm)
The third digit denotes the first decimal place
For example, 054 = 5.4mm
Case Diameter Code
Φ D
D
Φ 4.0
E
Φ 5.0
F
Φ 6.3


Similar Part No. - SNP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNP-006 ETC-SNP-006 Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
SNP-010 ETC-SNP-010 Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
SNP-015 ETC-SNP-015 Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
logo
Hanwha Vision Co., Ltd....
SNP-3371 HANWHAVISION-SNP-3371 Datasheet
189Kb / 2P
Todos os detalhes capturados
SNP-3371 TH HANWHAVISION-SNP-3371 TH Datasheet
189Kb / 2P
Todos os detalhes capturados
More results

Similar Description - SNP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com