Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7887ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD7887ARM
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7887ARM Datasheet HTML 8Page - Analog Devices AD7887ARM Datasheet HTML 9Page - Analog Devices AD7887ARM Datasheet HTML 10Page - Analog Devices AD7887ARM Datasheet HTML 11Page - Analog Devices AD7887ARM Datasheet HTML 12Page - Analog Devices AD7887ARM Datasheet HTML 13Page - Analog Devices AD7887ARM Datasheet HTML 14Page - Analog Devices AD7887ARM Datasheet HTML 15Page - Analog Devices AD7887ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. B
AD7887
–14–
MICROPROCESSOR INTERFACING
The serial interface on the AD7887 allows the part to be directly
connected to a range of many different microprocessors. This
section explains how to interface the AD7887 with some of the
more common microcontroller and DSP serial interface protocols.
AD7887 to TMS320C5x
The serial interface on the TMS320C5x uses a continuous serial
clock and frame synchronization signals to synchronize the data
transfer operations with peripheral devices like the AD7887.
The CS input allows easy interfacing with an inverter between
the serial clock of the TMS320C5x and the AD7887 being the
only glue logic required. The serial port of the TMS320C5x is
set up to operate in burst mode with internal CLKX (TX serial
clock) and FSX (TX frame sync). The serial port control regis-
ter (SPC) must have the following setup: FO = 0, FSM = 1,
MCM = 1 and TXM = 1. The connection diagram is shown in
Figure 18.
AD7887*
DOUT
DIN
SCLK
CS
TMS320C5x*
*ADDITIONAL PINS OMITTED FOR CLARITY
CLKX
CLKR
DR
DT
FSX
FSR
Figure 18. Interfacing to the TMS320C5x
AD7887 to ADSP-21xx
The ADSP-21xx family of DSPs are easily interfaced to the
AD7887 with an inverter between the serial clock of the ADSP-
21xx and the AD7887. This is the only glue logic required. The
SPORT control register should be set up as follows:
TFSW = RFSW = 1, Alternate Framing
INVRFS = INVTFS = 1, Active Low Frame Signal
DTYPE = 00, Right Justify Data
SLEN = 1111, 16-Bit Data Words
ISCLK = 1, Internal Serial Clock
TFSR = RFSR = 1, Frame Every Word
IRFS = 0
ITFS = 1
The connection diagram is shown in Figure 19. The ADSP-
21xx has the TFS and RFS of the SPORT tied together, with
TFS set as an output and RFS set as an input. The DSP oper-
ates in Alternate Framing Mode and the SPORT control regis-
ter is set up as described. The Frame synchronization signal
generated on the TFS is tied to CS and as with all signal pro-
cessing applications equidistant sampling is necessary. In this
example however, the timer interrupt is used to control the
sampling rate of the ADC and under certain conditions, equi-
distant sampling may not be achieved.
The Timer registers etc., are loaded with a value that will pro-
vide an interrupt at the required sample interval. When an inter-
rupt is received, a value is transmitted with TFS/DT (ADC
control word). The TFS is used to control the RFS and hence
the reading of data. The frequency of the serial clock is set in
the SCLKDIV register. When the instruction to transmit with
TFS is given (i.e., AX0 = TX0), the state of the SCLK is
checked. The DSP will wait until the SCLK has gone High,
Low and High before transmission will start. If the timer and
SCLK values are chosen such that the instruction to transmit
occurs on or near the rising edge of SCLK, the data may be
transmitted or it may wait until the next clock edge.
For example, the ADSP-2111 has a master clock frequency of
16 MHz. If the SCLKDIV register is loaded with the value 3
then a SCLK of 2 MHz is obtained, and 8 master clock periods
will elapse for every 1 SCLK period. If the timer registers are
loaded with the value 803, then 100.5 SCLKs will occur be-
tween interrupts and subsequently between transmit instruc-
tions. This situation will result in nonequidistant sampling as
the transmit instruction is occurring on an SCLK edge. If the
number of SCLKs between interrupts is a whole integer number
of N, equidistant sampling will be implemented by the DSP.
AD7887*
DOUT
DIN
SCLK
CS
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DR
DT
RFS
TFS
ADSP-21xx*
Figure 19. Interfacing to the ADSP-21xx
AD7887 to DSP56xxx
The connection diagram in Figure 20 shows how the AD7887
can be connected to the SSI (Synchronous Serial Interface) of
the DSP56xxx family of DSPs from Motorola. The SSI is oper-
ated in Synchronous Mode (SYN bit in CRB = 1) with inter-
nally generated 1-bit clock period frame sync for both TX and
RX (Bits FSL1 =1 and FSL0 =0 in CRB). Set the word length
to 16 by setting bits WL1 = 1 and WL0 = 0 in CRA. An inverter
is also necessary between the SCLK from the DSP56xxx and
the SCLK pin of the AD7887 as shown in Figure 20.
DOUT
DIN
SCLK
CS
*ADDITIONAL PINS OMITTED FOR CLARITY
DSP56xxx*
AD7887*
SCK
SRD
STD
SC2
Figure 20. Interfacing to the DSP56xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com