Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7898 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7898
Description  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7898 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7898 Datasheet HTML 3Page - Analog Devices AD7898 Datasheet HTML 4Page - Analog Devices AD7898 Datasheet HTML 5Page - Analog Devices AD7898 Datasheet HTML 6Page - Analog Devices AD7898 Datasheet HTML 7Page - Analog Devices AD7898 Datasheet HTML 8Page - Analog Devices AD7898 Datasheet HTML 9Page - Analog Devices AD7898 Datasheet HTML 10Page - Analog Devices AD7898 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PERFORMANCE CURVES
TPC 1 shows a typical FFT plot for the AD7898 at 220 kSPS
sampling rate with a 30 kHz input frequency while operating in
Mode 0.
–15
–35
–55
–95
–115
5
–75
FREQUENCY – kHz
100
80
60
40
20
0
8192 POINT FFT
fSAMPLE = 220kSPS
fIN = 30kHz
SINAD = 71.823dB
THD = –90.28dB
SFDR = –91.467dB
TPC 1. Mode 0 Dynamic Performance
TPC 2 shows a typical FFT plot for the AD7898 at 220 kSPS
sampling rate with a 30 kHz input frequency while operating in
Mode 1.
–15
–35
–55
–95
–115
5
–75
FREQUENCY – kHz
100
80
60
40
20
0
8192 POINT FFT
fSAMPLE = 220kSPS
fIN = 30kHz
SINAD = 71.779dB
THD = –88.337dB
SFDR = –89.639dB
TPC 2. Mode 1 Dynamic Performance
TPC 3 shows the Power Supply Rejection Ratio versus supply
frequency for the AD7898. The power supply rejection ratio is
defined as the ratio of the power in the ADC output at full-scale
frequency f, to the power of a 100 mV sine wave applied to the
ADC VDD supply of frequency fS.
PSRR (dB) = 10 log (Pf/Pfs)
Pf = Power at frequency f in ADC output, Pfs = power at fre-
quency fs coupled on to the ADC VDD supply input. Here a
100 mV peak-to-peak sine wave is coupled onto the VDD supply.
100 nF decoupling was used on the supply.
INPUT FREQUENCY – kHz
–40
–50
–70
–80
80
60
40
20
10
0
–20
–30
–60
70
50
30
TPC 3. PSRR vs. Supply Ripple Frequency
TPC 4 shows a graph of effective number of bits versus input
frequency while sampling at 220 kSPS.
INPUT FREQUENCY – kHz
11.7
11.6
11.4
11.2
100
80
40
20
0
11.9
11.8
11.5
60
11.3
TPC 4. Effective Number of Bits vs. Input Frequency at
220 kSPS
The effective number of bits for a device can be calculated from
its measured Signal to (Noise + Distortion) Ratio (see Termi-
nology section). TPC 4 shows a typical plot of effective number
of bits versus frequency for the AD7898 from dc to fSAMPLE/2.
The sampling frequency is 220 kSPS.
The formula for Signal to (Noise + Distortion) Ratio is related
to the resolution or number of bits in the converter. Rewriting
the formula, below, gives a measure of performance expressed in
effective number of bits (N):
N = (SNR – 1.76)/6.02
where SNR is Signal to (Noise + Distortion) Ratio.
–7–
REV. 0
Typical Performance Characteristics–AD7898



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com