Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD790 Datasheet(PDF) 8 Page - Analog Devices

Part # AD790
Description  Fast, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790 Datasheet(HTML) 8 Page - Analog Devices

  AD790 Datasheet HTML 1Page - Analog Devices AD790 Datasheet HTML 2Page - Analog Devices AD790 Datasheet HTML 3Page - Analog Devices AD790 Datasheet HTML 4Page - Analog Devices AD790 Datasheet HTML 5Page - Analog Devices AD790 Datasheet HTML 6Page - Analog Devices AD790 Datasheet HTML 7Page - Analog Devices AD790 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD790
REV. B
–8–
2
3
1
4
6
7
5
8
TTL
LEVEL
OUTPUT
400 *
5V
+
GND
STANDARD
SCHOTTKY
DIODE
1k
A RESISTOR UP TO 10kΩ MAYBE USED TO
REDUCE THE SOURCE AND SINK CURRENT OF
THE DRIVER. HOWEVER, THIS WILL SLIGHTLY
LOWER THE MAXIMUM USABLE CLOCK RATE.
*
BIPOLAR
SIGNAL
INPUT
4.7V
0.3V
5V
–
Ω
Ω
Ω
Figure 19. A Bipolar to CMOS TTL Line Receiver (N, Q
Package Pinout)
Bipolar to CMOS/TTL
It is sometimes desirable to translate a bipolar signal (e.g.,
±5 V) coming from a communications cable or another section
of the system to CMOS/TTL logic levels; such an application is
referred to as a line receiver. Previously, the interface to the bi-
polar signal required either a dual (
±) power supply or a refer-
ence voltage level about which the line receiver would switch.
The AD790 may be used in a simple circuit to provide a unique
capability: the ability to receive a bipolar signal while powered
from a single +5 V supply. Other comparators cannot perform
this task. Figure 19 shows a 1 k
Ω resistor in series with the input
signal which is then clamped by a Schottky diode, holding the
input of the comparator at 0.4 V below ground. Although the
comparator is specified for a common mode range down to –VS,
(in this case ground) it is permissible to bring one of the inputs
a few hundred mV below ground. The comparator switches
around this level and produces a CMOS/TTL compatible
swing. The circuit will operate to switching frequencies of
20 MHz.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic Mini-DIP (N-8) Package
8-Pin Cerdip (Q-8) Package
SOIC (SO-8) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com