Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7891AP-2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7891AP-2
Description  LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891AP-2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7891AP-2 Datasheet HTML 11Page - Analog Devices AD7891AP-2 Datasheet HTML 12Page - Analog Devices AD7891AP-2 Datasheet HTML 13Page - Analog Devices AD7891AP-2 Datasheet HTML 14Page - Analog Devices AD7891AP-2 Datasheet HTML 15Page - Analog Devices AD7891AP-2 Datasheet HTML 16Page - Analog Devices AD7891AP-2 Datasheet HTML 17Page - Analog Devices AD7891AP-2 Datasheet HTML 18Page - Analog Devices AD7891AP-2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7891
–15–
REV. A
As in the 8X51 circuit above, the way that the 68HC11 is in-
formed that a conversion is completed is not shown in the dia-
gram. The
EOC line can be used to inform the 68HC11 that a
conversion is complete by using it as an interrupt signal. The
interrupt service routine reads in the result of the conversion. If
a software conversion start is used, the 68HC11 can wait for
2.0
µs (AD7891-2) or 2.2 µs (AD7891-1) before reading from
the AD7891.
68HC11*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
PC7
PC6
SCK
MOSI
MOSO
Figure 8. AD7891 to 68HC11 Interface
AD7891 to ADSP-21xx Serial Interface
An interface between the AD7891 and the ADSP-21xx is shown
in Figure 9. In the interface shown either SPORT0 or SPORT1
can be used to transfer data to the AD7891. When reading from
the part, the SPORT must be set up with a serial word length of
16 bits. When writing to the AD7891, a serial word length of 6
bits or more can be used. Other setups for the serial interface on
the ADSP-21xx internal SCLK, alternate framing mode and
active low framing signal. Normally the
EOC line from the
AD7891 would be connected to the
IRQ2 line of the ADSP-
21xx to interrupt the DSP at the end of a conversion (not shown
in diagram).
ADSP-21xx*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
RFS
TFS
SCLK
DT
DR
Figure 9. AD7891 to ADSP-2101 Serial Interface
AD7891 to DSP5600x Serial Interface
Figure 10 shows a serial interface between the AD7891 and the
DSP5600x series of DSPs. When reading from the AD7891, the
DSP5600x should be set up for 16-bit data transfers, MSB first,
normal mode synchronous operation, internally generated word
frame sync and gated clock. When writing to the AD7891, 8-bit
or 16-bit data transfers can be used. The frame sync signal from
the DSP5600x must be inverted before being applied to the
RFS and TFS inputs of the AD7891 as shown in Figure 10.
To monitor the conversion time of the AD7891, a scheme such
as outlined in previous interfaces with
EOC can be used. This
can be implemented by connecting the
EOC line directly to the
IRQA input of the DSP5600x.
DSP56000/
DSP56002*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
FST (SC2)
SCK
STD
SRD
Figure 10. AD7891 to DSP5600x Serial Interface
AD7891 to TMS320xxx Serial Interface
The AD7891 can be interfaced to the serial port of TMS320xxx
DSPs as shown in Figure 11. External timing generation cir-
cuitry is necessary to generate the serial clock and syncs neces-
sary for the interface.
TMS32020/
TMS320C25/
TMS320C5X/
TMS320C3X*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
FSX
CLKX
DX
DR
CLKR
FSR
TIMING
GENERATION
CIRCUITRY
Figure 11. AD7891 to TMSxxx Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com