Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD795 Datasheet(PDF) 1 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 1 Page - Analog Devices

  AD795 Datasheet HTML 1Page - Analog Devices AD795 Datasheet HTML 2Page - Analog Devices AD795 Datasheet HTML 3Page - Analog Devices AD795 Datasheet HTML 4Page - Analog Devices AD795 Datasheet HTML 5Page - Analog Devices AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAMS
8-Pin Plastic Mini-DIP (N) Package
LOAD RESISTANCE –
30
0
10
10k
20
10
100
1k
Vs = ±15V
25
15
5
Ω
8-Pin SOIC (R) Package
1
2
3
4
8
7
6
5
AD795
NC
–IN
+IN
–VS
NC
+VS
OUTPUT
NC
NC = NO CONNECT
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Power, Low Noise
Precision FET Op Amp
AD795
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Low Power Replacement for Burr-Brown
OPA-111, OPA-121 Op Amps
Low Noise
2.5
V p-p max, 0.1 Hz to 10 Hz
11 nV/
√Hz max at 10 kHz
0.6 fA/
√Hz at 1 kHz
High DC Accuracy
250
V max Offset Voltage
3
V/ C max Drift
1 pA max Input Bias Current
Low Power: 1.5 mA max Supply Current
Available in Low Cost Plastic Mini-DIP and Surface
Mount (SOIC) Packages
APPLICATIONS
Low Noise Photodiode Preamps
CT Scanners
Precision l-to-V Converters
PRODUCT DESCRIPTION
The AD795 is a low noise, precision, FET input operational
amplifier. It offers both the low voltage noise and low offset drift
of a bipolar input op amp and the very low bias current of a
FET-input device. The 10
14
Ω common-mode impedance
insures that input bias current is essentially independent of
common-mode voltage and supply voltage variations.
The AD795 has both excellent dc performance and a guaran-
teed and tested maximum input voltage noise. It features 1 pA
maximum input bias current and 250
µV maximum offset volt-
age, along with low supply current of 1.5 mA max.
1k
10
1
10
100
10k
1k
100
FREQUENCY – Hz
AD795 Voltage Noise Spectral Density
Furthermore, the AD795 features a guaranteed low input noise
of 2.5
µV p-p (0.1 Hz to 10 Hz) and a 11 nV/√Hz max noise
level at 10 kHz. The AD795 has a fully specified and tested
input offset voltage drift of only 3
µV/°C max.
The AD795 is useful for many high input impedance, low noise
applications. The AD795J and AD795K are rated over the
commercial temperature range of 0
°C to +70°C.
The AD795 is available in 8-pin plastic mini-DIP and 8-pin
surface mount (SOIC) packages.
50
0
5
–4
10
–5
30
20
40
4
3
2
1
0
–1
–2
–3
INPUT OFFSET VOLTAGE DRIFT –
µV/°C
SAMPLE SIZE = 570
Typical Distribution of Average Input Offset Voltage Drift


Similar Part No. - AD795

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD795 AD-AD795 Datasheet
278Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795 Datasheet
435Kb / 20P
Low Power, Low Noise Precision FET Op Amp
Rev. D
AD7951 AD-AD7951 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7951 AD-AD7951 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7951 AD-AD7951 Datasheet
761Kb / 33P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
More results

Similar Description - AD795

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
Low Noise, Low Drift FET Op Amp
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
Low Noise, Precision, JFET Input Op Amp
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV. B
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
Low Noise, Low Power Op Amp
2009
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
MAX44246 MAXIM-MAX44246_13 Datasheet
2Mb / 12P
36V, Low-Noise, Precision, Dual Op Amp
Rev 3; 5/13
logo
Analog Devices
AD795 AD-AD795_09 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795_15 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com