Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD800 Datasheet(PDF) 5 Page - Analog Devices

Part # AD800
Description  Clock Recovery and Data Retiming Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD800 Datasheet(HTML) 5 Page - Analog Devices

  AD800 Datasheet HTML 1Page - Analog Devices AD800 Datasheet HTML 2Page - Analog Devices AD800 Datasheet HTML 3Page - Analog Devices AD800 Datasheet HTML 4Page - Analog Devices AD800 Datasheet HTML 5Page - Analog Devices AD800 Datasheet HTML 6Page - Analog Devices AD800 Datasheet HTML 7Page - Analog Devices AD800 Datasheet HTML 8Page - Analog Devices AD800 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD800/AD802
REV. B
–5–
52
38
100
44
40
–20
42
–40
50
46
48
80
60
40
20
0
TEMPERATURE –
°C
Figure 3. AD800-45 Center Frequency vs. Temperature
52
38
100
44
40
–20
42
–40
50
46
48
80
60
40
20
0
TEMPERATURE –
°C
Figure 5. AD800-45 Capture and Tracking Range vs.
Temperature
55
35
0.30
41
37
0.05
39
0
47
43
45
49
51
53
0.25
0.20
0.15
0.10
INPUT JITTER – UI p-p
CD = 0.68µF
Figure 7. AD800-45 Acquisition Range vs. Input Jitter
10
0
100
3
1
–20
2
–40
6
4
5
7
8
9
80
60
40
20
0
TEMPERATURE –
°C
Figure 4. AD800-45 Jitter vs. Temperature
100
0.1
10
0
10
6
10
1
10
1
10
5
10
4
10
3
10
2
JITTER FREQUENCY – Hz
AD800-45
DS-3 MASK
Figure 6. AD800-45 Jitter Tolerance
1E-5
1E-11
1E-2
10
12
16
18
22
24
1E-3
1E-4
1E-9
1E-7
1E-1
5E-2
3E-2
2E-2
S/N – dB
1
2
erfc
S
N
1
2 2
14
20
80
20
ECL
20
80
Figure 8. AD800-45 Bit Error Rate vs. Input Jitter
Typical Characteristics
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com