Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD795JR Datasheet(PDF) 11 Page - Analog Devices

Part # AD795JR
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD795JR Datasheet HTML 7Page - Analog Devices AD795JR Datasheet HTML 8Page - Analog Devices AD795JR Datasheet HTML 9Page - Analog Devices AD795JR Datasheet HTML 10Page - Analog Devices AD795JR Datasheet HTML 11Page - Analog Devices AD795JR Datasheet HTML 12Page - Analog Devices AD795JR Datasheet HTML 13Page - Analog Devices AD795JR Datasheet HTML 14Page - Analog Devices AD795JR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD795
REV. A
–11–
AC RESPONSE WITH HIGH VALUE SOURCE AND
FEEDBACK RESISTANCE
Source and feedback resistances greater than 100 k
Ω will
magnify the effect of input capacitances (stray and inherent to
the AD795) on the ac behavior of the circuit. The effects of
common-mode and differential input capacitances should be
taken into account since the circuit’s bandwidth and stability
can be adversely affected.
In a follower, the source resistance, RS, and input common-
mode capacitance, CS (including capacitance due to board and
capacitance inherent to the AD795), form a pole that limits
circuit bandwidth to 1/2
π R
SCS. Figure 36 shows the follower
pulse response from a 1 M
Ω source resistance with the
amplifier’s input pin isolated from the board, only the effect of
the AD795’s input common-mode capacitance is seen.
10
90
100
10mV
5
µs
0%
Figure 36. Follower Pulse Response from 1 M
Ω
Source Resistance
In an inverting configuration, the differential input capacitance
forms a pole in the circuit’s loop transmission. This can create
peaking in the ac response and possible instability. A feedback
capacitance can be used to stabilize the circuit. The inverter
pulse response with RF and RS equal to 1 MΩ, and the input pin
isolated from the board appears in Figure 37. Figure 38 shows
the response of the same circuit with a 1 pF feedback
capacitance. Typical differential input capacitance for the
AD795 is 2 pF.
10
90
100
10mV
5
µs
0%
Figure 37. Inverter Pulse Response with 1 M
Ω Source and
Feedback Resistance
10
90
100
10mV
5
µs
0%
Figure 38. Inverter Pulse Response with 1 M
Ω Source and
Feedback Resistance, 1 pF Feedback Capacitance
OVERLOAD ISSUES
Driving the amplifier output beyond its linear region causes
some sticking; recovery to normal operation is within 2
µs of the
input voltage returning within the linear range.
If either input is driven below the negative supply, the amplifier’s
output will be driven high, causing a phenomenon called phase
reversal. Normal operation is resumed within 30
µs of the input
voltage returning within the linear range.
Figure 39 shows the AD795’s input currents versus differential
input voltage. Picoamp level input current is maintained for
differential voltages up to several hundred millivolts. This
behavior is only important if the AD795 is in an open-loop
application where substantial differential voltages are produced.
–IN
+IN
10–5
10–6
10–7
10–8
10–9
10–10
10–11
10–12
10–13
10–14
10–4
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
DIFFERENTIAL INPUT VOLTAGE –
±Volts
Figure 39. Input Bias Current vs. Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16