Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8002 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 2 Page - Analog Devices

  AD8002 Datasheet HTML 1Page - Analog Devices AD8002 Datasheet HTML 2Page - Analog Devices AD8002 Datasheet HTML 3Page - Analog Devices AD8002 Datasheet HTML 4Page - Analog Devices AD8002 Datasheet HTML 5Page - Analog Devices AD8002 Datasheet HTML 6Page - Analog Devices AD8002 Datasheet HTML 7Page - Analog Devices AD8002 Datasheet HTML 8Page - Analog Devices AD8002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
REV. C
–2–
AD8002–SPECIFICATIONS (@ T
A = + 25 C, VS =
5 V, RL = 100
, RC
1 = 75
, unless otherwise noted)
Model
AD8002A
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth,
N Package
G = +2, RF = 750 Ω
500
MHz
G = +1, RF = 1.21 kΩ
600
MHz
R Package
G = +2, R
F = 681 Ω
500
MHz
G = +1, RF = 953 Ω
600
MHz
RM Package
G = +2, RF = 681 Ω
500
MHz
G = +1, RF = 1 kΩ
600
MHz
Bandwidth for 0.1 dB Flatness
N Package
G = +2, R
F = 750 Ω
60
MHz
R Package
G = +2, RF = 681 Ω
90
MHz
RM Package
G = +2, RF = 681 Ω
60
MHz
Slew Rate
G = +2, VO = 2 V Step
700
V/
µs
G = –1, VO = 2 V Step
1200
V/
µs
Settling Time to 0.1%
G = +2, V
O = 2 V Step
16
ns
Rise & Fall Time
G = +2, VO = 2 V Step, RF = 750 Ω
2.4
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p
–65
dBc
G = +2, RL = 100 Ω
Crosstalk, Output to Output
f = 5 MHz, G = +2
–60
dB
Input Voltage Noise
f = 10 kHz, RC = 0 Ω
2.0
nV/
√Hz
Input Current Noise
f = 10 kHz, +In
2.0
pA/
√Hz
–In
18
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.01
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.02
Degree
Third Order Intercept
f = 10 MHz
33
dBm
1 dB Gain Compression
f = 10 MHz
14
dBm
SFDR
f = 5 MHz
–66
dB
DC PERFORMANCE
Input Offset Voltage
2.0
6
mV
TMIN–TMAX
2.0
9
mV
Offset Drift
10
µV/°C
–Input Bias Current
5.0
25
±µA
TMIN–TMAX
35
±µA
+Input Bias Current
3.0
6.0
±µA
TMIN–TMAX
10
±µA
Open Loop Transresistance
VO = ± 2.5 V
250
900
k
TMIN–TMAX
175
k
INPUT CHARACTERISTICS
Input Resistance
+Input
10
M
–Input
50
Input Capacitance
+Input
1.5
pF
Input Common-Mode Voltage Range
3.2
±V
Common-Mode Rejection Ratio
Offset Voltage
VCM = ± 2.5 V
49
54
dB
–Input Current
V
CM = ± 2.5 V, TMIN –TMAX
0.3
1.0
µA/V
+Input Current
VCM = ± 2.5 V, TMIN–TMAX
0.2
0.9
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
R
L = 150 Ω
2.7
3.1
±V
Output Current
2
70
mA
Short Circuit Current
2
85
110
mA
POWER SUPPLY
Operating Range
±3.0
±6.0
V
Quiescent Current/Both Amplifiers
T
MIN –TMAX
10.0
11.5
mA
Power Supply Rejection Ratio
+VS = +4 V to +6 V, –VS = –5 V
60
75
dB
–VS = – 4 V to –6 V, +VS = +5 V
49
56
dB
–Input Current
TMIN–TMAX
0.5
2.5
µA/V
+Input Current
TMIN–TMAX
0.1
0.5
µA/V
NOTES
1R
C is recommended to reduce peaking and minimize input reflections at frequencies above 300 MHz. However, R C is not required.
2Output current is limited by the maximum power dissipation in the package. See the power derating curves.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com