Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8012ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD8012ARM
Description  Dual 350 MHz Low Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARM Datasheet(HTML) 4 Page - Analog Devices

  AD8012ARM Datasheet HTML 1Page - Analog Devices AD8012ARM Datasheet HTML 2Page - Analog Devices AD8012ARM Datasheet HTML 3Page - Analog Devices AD8012ARM Datasheet HTML 4Page - Analog Devices AD8012ARM Datasheet HTML 5Page - Analog Devices AD8012ARM Datasheet HTML 6Page - Analog Devices AD8012ARM Datasheet HTML 7Page - Analog Devices AD8012ARM Datasheet HTML 8Page - Analog Devices AD8012ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD8012
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation2
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . 0.8 W
microSOIC Package (RM) . . . . . . . . . . . . . . . . . . . . . 0.6 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range RM, R . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . .
–40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air at +25
°C
8-Lead SOIC Package:
θ
JA = 155
°C/W
8-Lead microSOIC Package:
θ
JA = 200
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8012
is limited by the associated rise in junction temperature. The maxi-
mum safe junction temperature for plastic encapsulated devices
is determined by the glass transition temperature of the plastic,
approximately +150
°C. Temporarily exceeding this limit may
cause a shift in parametric performance due to a change in the
stresses exerted on the die by the package. Exceeding a junction
temperature of +175
°C for an extended period can result in de-
vice failure.
The output stage of the AD8012 is designed for maximum load
current capability. As a result, shorting the output to common
can cause the AD8012 to source or sink 500 mA. To ensure
proper operation, it is necessary to observe the maximum power
derating curves. Direct connection of the output to either power
supply rail can destroy the device.
AMBIENT TEMPERATURE – C
–50
0
TJ = +150 C
2.0
1.5
1.0
8-LEAD SOIC
PACKAGE
–40 –30
0
102030
40
5060
70
80 90
8-LEAD
microSOIC
0.5
–20 –10
Figure 3. Plot of Maximum Power Dissipation vs.
Temperature for AD8012
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8012 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Brand
Model
Range
Description
Options
Code
AD8012AR
–40
°C to +85°C 8-Lead SOIC
SO-8
AD8012AR-REEL
–40
°C to +85°C13” Tape and Reel
SO-8
AD8012AR-REEL7
–40
°C to +85°C7” Tape and Reel
SO-8
AD8012ARM
–40
°C to +85°C 8-Lead microSOIC
RM-08
H6A
AD8012ARM-REEL
–40
°C to +85°C13” Tape and Reel
RM-08
H6A
AD8012ARM-REEL7
–40
°C to +85°C7” Tape and Reel
RM-08
H6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com