Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8022 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8022
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8022 Datasheet HTML 2Page - Analog Devices AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD8022
–6–
REV. 0
100mV
100
90
10
0%
100ns
100mV
INPUT
OUTPUT
Figure 9. Noninverting Small Signal Pulse Response,
RL = 500 Ω, VS = ±12 V, G = 1, RF = 0
2.00V
100
90
10
0%
100ns
2.00V
INPUT
OUTPUT
Figure 10. Noninverting Large Signal Pulse Response,
RL = 500 Ω, VS = ±12 V, G = 1, RF = 0
TIME – ns
0.4
0
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
40
60
80
100
120
20
+0.1%
–0.1%
Figure 11. Settling Time to 0.1%, VS = ±12 V,
Step Size = 2 V p-p, G = 2, RL = 500 Ω
100mV
100
90
10
0%
100ns
100mV
INPUT
OUTPUT
Figure 12. Noninverting Small Signal Pulse Response,
RL = 500 Ω, VS = ±2.5 V, G = 1, RF = 0
1.00V
100
90
10
0%
100ns
1.00V
INPUT
OUTPUT
Figure 13. Noninverting Large Signal Pulse Response,
RL = 500 Ω, VS = ±2.5 V, G = 1, RF = 0
TIME – ns
0.4
0
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
40
60
80
100
120
20
+0.1%
–0.1%
Figure 14. Settling Time to 0.1%, VS = ±2.5 V,
Step Size = 2 V p-p, G = 2, RL = 500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com