Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-SERIES Datasheet(PDF) 2 Page - AVX Corporation

Part # TCP-SERIES
Description  TCP Series Low ESR Tantalum Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCP-SERIES Datasheet(HTML) 2 Page - AVX Corporation

  TCP-SERIES Datasheet HTML 1Page - AVX Corporation TCP-SERIES Datasheet HTML 2Page - AVX Corporation TCP-SERIES Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
23
TCP Series
TCP Series Low ESR Tantalum Modules
CASE DIMENSIONS:
millimeters (inches)
Case
Length (L)
Width (W)
Height (H)
Term. Width (W
1)
Term. Length (P)
Code
±0.38 (0.015)
±0.38 (0.015)
±0.38 (0.015)
±0.38 (0.015)
For Reference Only
2H
7.82 (0.308)
4.06 (0.160)
6.10 (0.240)
4.06 (0.160)
1.52 (0.060)
4H
7.82 (0.308)
8.13 (0.320)
6.10 (0.240)
8.13 (0.320)
1.52 (0.060)
6H
7.82 (0.308)
8.13 (0.320)
9.14 (0.360)
8.13 (0.320)
1.52 (0.060)
K
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
R
Packaging
B = Bulk
R = 7" T&R
++
Surge Test
Option
00 = None
23 = 10 Cycles, +25ºC
24 = 10 Cycles,
-55ºC & +85ºC
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
TC
Type
2H
Case
Size
L
Standard or
Low ESR
Range
L = Low ESR
#
Inspection Level
S = Std.
Conformance
L = Group A
D = DSCC DWG
HOW TO ORDER
DIMENSIONS
050
Voltage
Code
006 = 6Vdc
010 = 10Vdc
015 = 15Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
945
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
@
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D = 0.001%/1000 hrs.
90% conf.
Z = Non-ER
0
Qualification
Level
0 = N/A
9 = SRC9000
^
Termination Finish
8 = Hot Solder
Dipped
9 = Gold Plated
Technical Data:
Unless otherwise specified, all technical data relate to an ambient temperature of 25°C
Capacitance Range:
9.4 μF to 1,980 μF
Capacitance Tolerance:
±5%; ±10%; ±20%
Rated Voltage: (VR)
85°C:
6
10
15
15
20
25
35
50
Category Voltage: (VC)
125°C:
4
7
10
10
13
17
23
33
Surge Voltage: (VS)
85°C:
8
13
20
20
26
32
46
65
125°C:
5
8
13
13
16
20
28
40
Temperature Range:
-55°C to +125°C
TECHNICAL SPECIFICATIONS
Additional form factors and ratings are available – contact plant for details.
W
L
H
L
W
W1
H
P
P
Solderable Surface (see Note 1)
Not RoHS Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com