Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8031 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8031
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031 Datasheet(HTML) 3 Page - Analog Devices

  AD8031 Datasheet HTML 1Page - Analog Devices AD8031 Datasheet HTML 2Page - Analog Devices AD8031 Datasheet HTML 3Page - Analog Devices AD8031 Datasheet HTML 4Page - Analog Devices AD8031 Datasheet HTML 5Page - Analog Devices AD8031 Datasheet HTML 6Page - Analog Devices AD8031 Datasheet HTML 7Page - Analog Devices AD8031 Datasheet HTML 8Page - Analog Devices AD8031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8031/AD8032
–3–
REV. B
SPECIFICATIONS
AD8031A/AD8032A
AD8031B/AD8032B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VO < 0.4 V p-p
54
80
54
80
MHz
Slew Rate
G = –1, VO = 2 V Step
27
32
27
32
V/
µs
Settling Time to 0.1%
G = –1, VO = 2 V Step, CL = 10 pF
125
125
ns
DISTORTION/NOISE PERFORMANCE
Total Harmonic Distortion
fC = 1 MHz, VO = 2 V p-p, G = +2
–62
–62
dBc
fC = 100 kHz, VO = 2 V p-p, G = +2
–86
–86
dBc
Input Voltage Noise
f = 1 kHz
15
15
nV/
√Hz
Input Current Noise
f = 100 kHz
2.4
2.4
pA/
√Hz
f = 1 kHz
5
5
pA/
√Hz
Differential Gain
RL = 1 kΩ
0.17
0.17
%
Differential Phase
RL = 1 kΩ
0.11
0.11
Degrees
Crosstalk (AD8032 Only)
f = 5 MHz
–60
–60
dB
DC PERFORMANCE
Input Offset Voltage
VCM =
V CC
2
;
VOUT = 2.5 V
± 1
± 6
± 0.5
± 1.5 mV
TMIN to TMAX
± 6
± 10
± 1.6
± 2.5 mV
Offset Drift
VCM =
V CC
2
;
VOUT = 2.5 V
5
5
µV/°C
Input Bias Current
VCM =
V CC
2
;
VOUT = 2.5 V
0.45
1.2
0.45
1.2
µA
TMIN to TMAX
2.0
2.0
µA
Input Offset Current
50
350
50
250
nA
Open Loop Gain
VCM =
V CC
2
;
VOUT = 1.5 V to 3.5 V
76
82
76
82
dB
TMIN to TMAX
74
74
dB
INPUT CHARACTERISTICS
Common-Mode Input Resistance
40
40
M
Ω
Differential Input Resistance
280
280
k
Ω
Input Capacitance
1.6
1.6
pF
Input Voltage Range
–0.5 to
–0.5 to
+5.5
+5.5
V
Input Common-Mode Voltage Range
–0.2 to
–0.2 to
+5.2
+5.2
V
Common-Mode Rejection Ratio
VCM = 0 V to 5 V
56
70
56
70
dB
VCM = 0 V to 3.8 V
66
80
66
80
dB
Differential Input Voltage
3.4
3.4
V
OUTPUT CHARACTERISTICS
Output Voltage Swing Low
RL = 10 kΩ
+0.05
+0.02
+0.05
+0.02
V
Output Voltage Swing High
+4.95
+4.98
+4.95
+4.98
V
Output Voltage Swing Low
RL = 1 kΩ
+0.2
+0.1
+0.2
+0.1
V
Output Voltage Swing High
+4.8
+4.9
+4.8
+4.9
V
Output Current
15
15
mA
Short Circuit Current
Sourcing
28
28
mA
Sinking
–46
–46
mA
Capacitive Load Drive
G = +2 (See Figure 41)
15
15
pF
POWER SUPPLY
Operating Range
+2.7
+12
+2.7
+12
V
Quiescent Current per Amplifier
800
1400
800
1400
µA
Power Supply Rejection Ratio
VS– = 0 V to –1 V or
VS+ = +5 V to +6 V
75
86
75
86
dB
Specifications subject to change without notice.
+5 V Supply (@ T
A = +25 C, VS = +5 V, RL = 1 k
to +2.5 V, RF = 2.5 k
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com