Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0060 Datasheet(PDF) 2 Page - Supertex, Inc

Part # FP0060
Description  짹60V AC Switch with Current Fold-Back Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0060 Datasheet(HTML) 2 Page - Supertex, Inc

  FP0060 Datasheet HTML 1Page - Supertex, Inc FP0060 Datasheet HTML 2Page - Supertex, Inc FP0060 Datasheet HTML 3Page - Supertex, Inc FP0060 Datasheet HTML 4Page - Supertex, Inc FP0060 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supertex inc.
www.supertex.com
FP0060
Doc.# DSFP-FP0060
A100312
Absolute Maximum Ratings
Parameter
Value
V
AC-IN, Maximum input voltage
-70V to +70V
Maximum input voltage for EN
+15V
Maximum junction temperature
+125°C
Operating temperature
-40°C to +125°C
Storage temperature range
-65° to +150°C
Power dissipation, T
A@25°C
1.6W1
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Note:
1. Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Ordering Information
Part Number Package
Packing
FP0060N8-G
3-Lead TO-243AA (SOT-89)
2000/Reel
-G indicates package is RoHS compliant (‘Green’)
Pin Configuration
TO-243AA (SOT-89) (N8)
TO-243AA (SOT-89) (N8)
Y = Code for year sealed
W = Code for week sealed
= “Green” Packaging
F06YW
Product Marking
Package may or may not include the following marks: Si or
EN
ACIN
GND
GND
Sym
Parameter
Min
Typ
Max
Units Conditions
V
AC-IN
AC
IN operating voltage
0
-
±60
V
EN = 0V, I
AC-IN = ±8.0mA
R
SW
AC
IN switch on-resistance
-
4.0
5.0
Ω
EN = 12V, I
AC-IN = ±200mA
V
TRIP
V
AC-IN to GND trip point to turn-off
-
±3.0
-
V
EN = 12V
V
OFF
Switch turn-off voltage
-
±3.1
-
V
EN = 12V, I
OFF = ±1.0mA
+I
AC-ENH
Enable high positive leakage current
-
0.8
2.6
mA
EN = 12V, V
AC-IN = +50V
-I
AC-ENH
Enable high negative leakage current
-14
-6.3
-
mA
EN = 12V, V
AC-IN = -50V
+I
AC-ENL
Enable low positive leakage current
-
0.8
2.6
mA
EN = 0V, V
AC-IN = +50V
-I
AC-ENL
Enable low negative leakage current
-2.6
-0.8
-
mA
EN = 0V, V
AC-IN = -50V
I
PEAK
Peak switching current
-
±1.0
-
A
V
AC-IN = ±50V
V
IH
Enable input logic high
10.8
12
13.2
V
---
V
IL
Enable input low low
0
-
1.2
V
---
I
IH
Enable input logic high
current
-
-
2.5
mA
V
AC-IN = +50V
-
-
7.5
mA
V
AC-IN = -50V
I
IL
Enable input logic low current
-
-
100
µA
V
AC-IN = +50V
-
-
10
µA
V
AC-IN = -50V
T
ON
Turn-on time
-
-
30
µs
EN = 0V to 12V
T
OFF
Turn-off time
-
-
80
µs
EN = 12V to 0V
T
SON
Short circuit turn-on time
-
-
500
ns
EN = 12V, V
AC-IN = pulse 0 to 20V
with 1.0Ω to GND
Electrical Characteristics (T
j = 25
O
C unless otherwise specified)
Typical Thermal Resistance
Package
θ
ja
3-Lead TO-243AA (SOT-89)
173OC/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com