Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8037 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8037
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037 Datasheet(HTML) 4 Page - Analog Devices

  AD8037 Datasheet HTML 1Page - Analog Devices AD8037 Datasheet HTML 2Page - Analog Devices AD8037 Datasheet HTML 3Page - Analog Devices AD8037 Datasheet HTML 4Page - Analog Devices AD8037 Datasheet HTML 5Page - Analog Devices AD8037 Datasheet HTML 6Page - Analog Devices AD8037 Datasheet HTML 7Page - Analog Devices AD8037 Datasheet HTML 8Page - Analog Devices AD8037 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
REV. A
–4–
AD8036/AD8037
+VS
RL = 100
–VS
49.9
VIN
RF
130
VOUT
0.1 F
10 F
AD8036
0.1 F
10 F
PULSE
GENERATOR
TR/TF = 350ps
Figure 3. Noninverting Configuration, G = +1
Figure 4. Large Signal Transient Response; VO = 4 V p-p,
G = +1, RF = 140 Ω
Figure 5. Small Signal Transient Response; VO = 400 mV
p-p, G = +1, RF = 140 Ω
AD8036–Typical Characteristics
+VS
RL = 100
–VS
49.9
VIN
RF
130
VOUT
0.1 F
10 F
AD8036
0.1 F
10 F
PULSE
GENERATOR
TR/TF = 350ps
+VH
VL
0.1 F
0.1 F
Figure 6. Noninverting Clamp Configuration, G = +1
Figure 7. Clamped Large Signal Transient Response (2
×
Overdrive); VO = 2 V p-p, G = +1, RF = 140 Ω, VH = +1 V,
VL = –1 V
Figure 8. Clamped Small Signal Transient Response
(2
× Overdrive); V
O = 400 mV p-p, G = +1, RF = 140 Ω,
VH = +0.2 V, VL = –0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com