Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8057 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8057
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057 Datasheet(HTML) 4 Page - Analog Devices

  AD8057 Datasheet HTML 1Page - Analog Devices AD8057 Datasheet HTML 2Page - Analog Devices AD8057 Datasheet HTML 3Page - Analog Devices AD8057 Datasheet HTML 4Page - Analog Devices AD8057 Datasheet HTML 5Page - Analog Devices AD8057 Datasheet HTML 6Page - Analog Devices AD8057 Datasheet HTML 7Page - Analog Devices AD8057 Datasheet HTML 8Page - Analog Devices AD8057 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD8057/AD8058
–4–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8057/AD8058 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation2
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . 0.8 W
SOT-23-5 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 W
µSOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±4.0 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range (R) . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . .
–40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead SOIC Package:
θ
JA = 160
°C/W
5-Lead SOT-23-5 Package:
θ
JA = 240
°C/W
8-Lead
µSOIC Package: θ
JA = 200
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Descriptions
Options
Brand Code
AD8057AR
–40
°C to +85°C
8-Lead Narrow Body SOIC
SO-8
Standard
AD8057ACHIPS
–40
°C to +85°C
Die
Waffle Pak
N/A
AD8057AR-REEL
–40
°C to +85°C
8-Lead SOIC, 13" Reel
SO-8
Standard
AD8057AR-REEL7
–40
°C to +85°C
8-Lead SOIC, 7" Reel
SO-8
Standard
AD8057ART-REEL
–40
°C to +85°C
5-Lead SOT-23, 13" Reel
RT-5
H7A
AD8057ART-REEL7
–40
°C to +85°C
5-Lead SOT-23, 7" Reel
RT-5
H7A
AD8058AR
–40
°C to +85°C
8-Lead Narrow Body SOIC
SO-8
Standard
AD8058ACHIPS
–40
°C to +85°C
Die
Waffle Pak
N/A
AD8058AR-REEL
–40
°C to +85°C
8-Lead SOIC, 13" Reel
SO-8
Standard
AD8058AR-REEL7
–40
°C to +85°C
8-Lead SOIC, 7" Reel
SO-8
Standard
AD8058ARM
–40
°C to +85°C
8-Lead
µSOIC
RM-8
H8A
AD8058ARM-REEL
–40
°C to +85°C
8-Lead
µSOIC, 13" Reel
RM-8
H8A
AD8058ARM-REEL7
–40
°C to +85°C
8-Lead
µSOIC, 7" Reel
RM-8
H8A
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8057/AD8058 is limited by the associated rise in junction
temperature. Exceeding a junction temperature of +175
°C for
an extended period can result in device failure. While the
AD8057/AD8058 is internally short circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature (+150
°C) is not exceeded under all conditions.
To ensure proper operation, it is necessary to observe the maxi-
mum power derating curves.
AMBIENT TEMPERATURE – C
2.0
1.5
0
–50
80
–40 –30 –20 –10
0
10
20
30
40
50
60
70
1.0
0.5
90
TJ = +150 C
8-LEAD SOIC PACKAGE
SOIC
SOT-23-5
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com