Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8047-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD8047-EB
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8047-EB Datasheet HTML 3Page - Analog Devices AD8047-EB Datasheet HTML 4Page - Analog Devices AD8047-EB Datasheet HTML 5Page - Analog Devices AD8047-EB Datasheet HTML 6Page - Analog Devices AD8047-EB Datasheet HTML 7Page - Analog Devices AD8047-EB Datasheet HTML 8Page - Analog Devices AD8047-EB Datasheet HTML 9Page - Analog Devices AD8047-EB Datasheet HTML 10Page - Analog Devices AD8047-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8047/AD8048
REV. 0
–7–
–90
–110
–70
–50
–30
FREQUENCY – Hz
100M
1M
100k
10k
–40
–20
–60
–80
–100
–120
10M
2ND HARMONIC
3RD HARMONIC
RL = 100Ω
VOUT = 2V p-p
Figure 21. AD8047 Harmonic Distortion vs. Frequency,
G = +1
OUTPUT SWING – V p-p
–25
–30
–65
1.6
6.5
2.5
3.5
4.5
5.5
–45
–50
–55
–60
–35
–40
2ND HARMONIC
3RD HARMONIC
f = 20MHz
RL = 1kΩ
RF = 0Ω
Figure 22. AD8047 Harmonic Distortion vs. Output Swing,
G = +1
0.04
–0.04
0.00
–0.02
0.02
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
0.04
–0.04
0.00
–0.02
0.02
Figure 23. AD8047 Differential Gain and Phase Error,
G = +2, RL = 150
Ω, R
F = 200
Ω, R
IN = 200
Ω
SETTLING TIME – ns
0.5
0.4
–0.4
010
20
0.0
–0.1
–0.2
–0.3
0.2
0.1
0.3
–0.5
515
25
35
45
30
40
RL = 100Ω
RF = 0Ω
VOUT = 2V STEP
Figure 24. AD8047 Short-Term Settling Time, G = +1
SETTLING TIME – µs
0.25
0.20
–0.20
04
8
0.00
–0.05
–0.10
–0.15
0.10
0.05
0.15
–0.25
2
6
10
14
18
12
16
RL = 100Ω
RF = 0Ω
VOUT = 2V STEP
Figure 25. AD8047 Long-Term Settling Time, G = +1
17
13
3
100
100k
10k
1k
10
15
9
11
5
7
FREQUENCY – Hz
Figure 26. AD8047 Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com