Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD807 Datasheet(PDF) 6 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD807 Datasheet HTML 2Page - Analog Devices AD807 Datasheet HTML 3Page - Analog Devices AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices AD807 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD807–Typical Characteristic Curves
SIGNAL DETECT LEVEL – Volts
200.0E+3
0.0E+0
000.0E+0
35.0E–3
5.0E–3
10.0E–3
15.0E–3
20.0E–3
25.0E–3
30.0E–3
180.0E+3
140.0E+3
60.0E+3
40.0E+3
20.0E+3
160.0E+3
120.0E+3
100.0E+3
80.0E+3
Figure 6. Signal Detect Level vs. RTHRESH
TEMPERATURE –
°C
35.0E–3
–40
100
–20
0
204060
80
30.0E–3
20.0E–3
25.0E–3
15.0E–3
10.0E–3
000.0E+0
5.0E–3
RTHRESH = 0Ω
RTHRESH = OPEN
RTHRESH = 49.9k
Figure 7. Signal Detect Level vs. Temperature
TEMPERATURE –
°C
9.00
–40
100
–20
0
204060
80
8.00
6.00
7.00
5.00
3.00
4.00
RTHRESH = 0Ω
RTHRESH = OPEN
RTHRESH = 49.9k
Figure 8. Signal Detect Hysteresis vs. Temperature
SUPPLY VOLTAGE – Volts
35.000E–3
4.4
4.6
4.8
5.0
5.2
5.4
5.6
30.000E–3
20.000E–3
25.000E–3
15.000E–3
10.000E–3
000.000E+0
5.000E–3
RTHRESH = 0Ω
RTHRESH = OPEN
RTHRESH = 49.9k
Figure 9. Signal Detect Level vs. Supply Voltage
POWER SUPPLY – V
8.00
4.4
5.6
4.6
4.8
5.0
5.2
5.4
7.00
5.00
6.00
2.00
0.00
1.00
RTHRESH = 0Ω
RTHRESH = OPEN
RTHRESH = 49.9kΩ
4.00
3.00
Figure 10. Signal Detect Hysteresis vs. Power Supply
1E-5
1E-10
1E-2
10
12
16
18
22
24
1E-3
1E-4
1E-8
1E-6
1E-1
5E-2
3E-2
2E-2
S/N – dB
1
2
erfc
S
N
1
2 2
14
20
1E-12
1276
1277
1279
1278
NSN
Figure 11. Bit Error Rate vs. Signal-to-Noise Ratio
REV. A
–6–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com