Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8056ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8056ARM
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8056ARM Datasheet HTML 2Page - Analog Devices AD8056ARM Datasheet HTML 3Page - Analog Devices AD8056ARM Datasheet HTML 4Page - Analog Devices AD8056ARM Datasheet HTML 5Page - Analog Devices AD8056ARM Datasheet HTML 6Page - Analog Devices AD8056ARM Datasheet HTML 7Page - Analog Devices AD8056ARM Datasheet HTML 8Page - Analog Devices AD8056ARM Datasheet HTML 9Page - Analog Devices AD8056ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD8055/AD8056
–6–
REV. B
VIN – V p-p
10
4
0
05.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
9
5
3
1
7
6
2
8
G = +1
RL = 100
RF = 0
FALLTIME
RISETIME
Figure 15. Risetime and Falltime vs. VIN
VIN – V p-p
10
4
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
9
5
3
1
7
6
2
8
G = +1
RL = 1k
RF = 0
FALLTIME
RISETIME
Figure 16. Risetime and Falltime vs. VIN
TIME – ns
020
10
–0.5
–0.4
30
40
50
60
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOUT = 0V TO 2V OR
G = +2
RL = 100
0V TO –2V
Figure 17. Settling Time
VIN – V p-p
10
4
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
9
5
3
1
7
6
2
8
G = +2
RL = 100
RF = 402
FALLTIME
RISETIME
Figure 18. Risetime and Falltime vs. VIN
VIN – V p-p
5.0
2.0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4.5
2.5
1.5
0.5
3.5
3.0
1.0
4.0
G = +2
RL = 1k
RF = 402
FALLTIME
RISETIME
Figure 19. Risetime and Falltime vs. VIN
FREQUENCY – MHz
0.1
500
1
10
100
0
–90
–10
–20
–30
–40
–50
–60
–70
–80
10
–PSRR
+PSRR
G = +2
RF = 402
Figure 20. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com