Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8058ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8058ARM
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8058ARM Datasheet HTML 2Page - Analog Devices AD8058ARM Datasheet HTML 3Page - Analog Devices AD8058ARM Datasheet HTML 4Page - Analog Devices AD8058ARM Datasheet HTML 5Page - Analog Devices AD8058ARM Datasheet HTML 6Page - Analog Devices AD8058ARM Datasheet HTML 7Page - Analog Devices AD8058ARM Datasheet HTML 8Page - Analog Devices AD8058ARM Datasheet HTML 9Page - Analog Devices AD8058ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD8057/AD8058
–6–
REV. A
–Typical Performance Characteristics
–40
85
–30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE – C
0.00
–0.40
–0.60
–0.50
–0.20
–0.30
–0.10
–0.80
–0.70
+IB @ 5V
+IB @ 2.5V
–IB @ 5V
–IB @ 1.5V
–IB @ 2.5V
+IB @ 1.5V
Figure 9. Input Bias Current vs. Temperature
–40
85
–30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE – C
4
0
1
3
2
PSRR @
1.5V
5V
Figure 10. PSRR vs. Temperature
FREQUENCY – MHz
0
–10
–60
0.1
1000
1
10
100
–20
–30
–50
–40
+PSRR VS = 2.5V
–PSRR VS = 2.5V
Figure 11.
±PSRR vs. Frequency
0.01 F
0.001 F
4.7 F
–VS
50
VIN
HP8130A
PULSE
GENERATOR
TR/TF = 1ns
AD8057/58
0.001 F
0.01 F
4.7 F
1k
+VS
VOUT
Figure 12. Test Circuit G = +1, RL = 1 kΩ for Figures 13
and 14
100mV
20mV/
DIV
–100mV
4ns/DIV
Figure 13. Small Signal Step Response G = +1, RL = 1 kΩ,
VS = ±5 V
5V
1V/DIV
–5V
4ns/DIV
Figure 14. Large Signal Step Response G = +1, RL = 1 kΩ,
VS = ±5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com