Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8110AST Datasheet(PDF) 26 Page - Analog Devices

Part # AD8110AST
Description  260 MHz, 16 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110AST Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8110AST Datasheet HTML 20Page - Analog Devices AD8110AST Datasheet HTML 21Page - Analog Devices AD8110AST Datasheet HTML 22Page - Analog Devices AD8110AST Datasheet HTML 23Page - Analog Devices AD8110AST Datasheet HTML 24Page - Analog Devices AD8110AST Datasheet HTML 25Page - Analog Devices AD8110AST Datasheet HTML 26Page - Analog Devices AD8110AST Datasheet HTML 27Page - Analog Devices AD8110AST Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD8110/AD8111
–26–
REV. 0
Figure 52 shows the main screen of the control software in its
initial reset state (all outputs off). Using the mouse, any input
can be connected with one or more outputs by simply clicking
on the appropriate radio buttons in the 16
× 8 on-screen array.
Each time a button is clicked on, the software automatically
sends and latches the required 40-bit data stream to the evalua-
tion board. An output can be turned off by clicking the appro-
priate button in the Off column. To turn off all outputs, click on
RESET.
The software offers volatile and nonvolatile storage of configu-
rations. For volatile storage, up to two configurations can be
stored and recalled using the Memory 1 and Memory 2 Buffers.
These function in an identical fashion to the memory on a
pocket calculator. For nonvolatile storage of a configuration, the
Save Setup and Load Setup functions can be used. This stores
the configuration as a data file on disk.
Overshoot on PC Printer Ports’ Data Lines
The data lines on some printer ports have excessive overshoot.
Overshoot on the pin that is used as the serial clock (Pin 6 on
the D-Sub-25 connector) can cause communication problems.
This overshoot can be eliminated by connecting a capacitor
from the CLK line on the evaluation board to ground. A pad
has been provided on the solder-side of the evaluation board to
allow this capacitor to be soldered into place. Depending upon
the overshoot from the printer port, this capacitor may need to
be as large as 0.01
µF.
Figure 52. Evaluation Board Control Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com