Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8116 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8116
Description  200 MHz, 16 x 16 Buffered Video Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116 Datasheet(HTML) 2 Page - Analog Devices

  AD8116 Datasheet HTML 1Page - Analog Devices AD8116 Datasheet HTML 2Page - Analog Devices AD8116 Datasheet HTML 3Page - Analog Devices AD8116 Datasheet HTML 4Page - Analog Devices AD8116 Datasheet HTML 5Page - Analog Devices AD8116 Datasheet HTML 6Page - Analog Devices AD8116 Datasheet HTML 7Page - Analog Devices AD8116 Datasheet HTML 8Page - Analog Devices AD8116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
–2–
REV. A
AD8116–SPECIFICATIONS (V
S =
5 V, TA = +25 C, RL = 1 k
unless otherwise noted)
Limit
Reference
Parameter
Conditions
Min
Typ
Max
Units
Figure
DYNAMIC PERFORMANCE
–3 dB Bandwidth
200 mV p-p, RL = 150 Ω
200
MHz
6
1 V p-p, RL = 150 Ω
120
MHz
–
2 V p-p, RL = 150 Ω
80
MHz
6
Slew Rate
2 V Step, RL = 150 Ω
300
V/
µs10
Settling Time
0.1%, 2 V Step, RL = 150 Ω
60
ns
11
Gain Flatness
0.05 dB, 200 mV p-p, RL = 150 Ω
25
MHz
6
0.05 dB, 2 V p-p, RL = 150 Ω
20
MHz
6
0.1 dB, 200 mV p-p, RL = 150 Ω
60
MHz
6
0.1 dB, 2 V p-p, RL = 150 Ω
45
MHz
6
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 1 kΩ
0.01
%
–
NTSC or PAL, RL = 150 Ω
0.01
%
–
Differential Phase Error
NTSC or PAL, RL = 1 kΩ
0.01
Degrees
–
NTSC or PAL, RL = 150 Ω
0.01
Degrees
–
Crosstalk, All Hostile
ƒ = 5 MHz
–70
dB
7
ƒ = 10 MHz
–60
dB
7
Off Isolation, Input-Output
ƒ = 10 MHz, RL = 150 Ω, One Channel
–105
dB
16
Input Voltage Noise
0.01 MHz to 50 MHz
15
nV/
√Hz
13
DC PERFORMANCE
Gain
No Load
0.995 0.999
1.000
V/V
–
RL = 1 kΩ
0.992 0.999
1.000
V/V
–
Gain Matching
No Load, Ch-Ch
0.15
%
–
RL = 1 kΩ, Ch-Ch
0.5
%
–
OUTPUT CHARACTERISTICS
Output Offset Voltage
Worst Case All Switch Configurations
15
45
mV
22
Output Impedance
DC, Enabled
0.2
Ω
17
Disabled
1
10
M
Ω
14
Output Disable Capacitance
3
pF
14
Output Leakage Current
Disabled
1
µA–
Output Voltage Range
±2.5 ±3V
–
Output Current
20
40
mA
–
Short Circuit Current
65
mA
–
INPUT CHARACTERISTICS
Input Voltage Range
±2.5 ±3V
–
Input Capacitance
Any Switch Configuration
5
pF
18
Input Resistance
1
10
M
Ω
18
Input Bias Current
25
µA–
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
–
Switching Time
50%
UPDATE to 1% Output Settling,
50
ns
21
2 V Step
Switching Transient (Glitch)
15
mV p-p
15
POWER SUPPLIES
Supply Current
AVCC, Outputs Enabled, No Load
75
95
mA
–
AVCC, Outputs Disabled
25
mA
–
AVEE, Outputs Enabled, No Load
70
95
mA
–
AVEE, Outputs Disabled
22.5
mA
–
DVCC, Outputs Enabled, No Load
25
35
mA
–
DVEE, Outputs Enabled, No Load
10
15
mA
–
Supply Voltage Range
±4.5 to ±5.5
V
–
PSRR
ƒ = 100 kHz
60
dB
12
ƒ = 1 MHz
40
dB
12
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
0 to +70
°C–
θ
JA
Operating (Still Air)
37
°C/W
–
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com