Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD815AVR Datasheet(PDF) 1 Page - Analog Devices

Part # AD815AVR
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815AVR Datasheet(HTML) 1 Page - Analog Devices

  AD815AVR Datasheet HTML 1Page - Analog Devices AD815AVR Datasheet HTML 2Page - Analog Devices AD815AVR Datasheet HTML 3Page - Analog Devices AD815AVR Datasheet HTML 4Page - Analog Devices AD815AVR Datasheet HTML 5Page - Analog Devices AD815AVR Datasheet HTML 6Page - Analog Devices AD815AVR Datasheet HTML 7Page - Analog Devices AD815AVR Datasheet HTML 8Page - Analog Devices AD815AVR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
15-Lead Through-Hole SIP (Y) and Surface-Mount
DDPAK(VR)
NC
NC
NC
+IN1
–IN1
OUT1
–VS
+VS
OUT2
–IN2
+IN2
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
15
11
12
13
14
10
AD815
TAB IS
+VS
NC = NO CONNECT
REFER TO PAGE 3 FOR 24-LEAD SOIC PACKAGE
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Output Current
Differential Driver
AD815
PRODUCT DESCRIPTION
The AD815 consists of two high speed amplifiers capable of
supplying a minimum of 500 mA. They are typically configured
as a differential driver enabling an output signal of 40 V p-p on
±15 V supplies. This can be increased further with the use of a
FEATURES
Flexible Configuration
Differential Input and Output Driver
or Two Single-Ended Drivers
High Output Power
Power Package
26 dBm Differential Line Drive for ADSL Application
40 V p-p Differential Output Voltage, RL = 50
500 mA Minimum Output Drive/Amp, RL = 5
Thermally Enhanced SOIC
400 mA Minimum Output Drive/Amp, RL = 10
Low Distortion
–66 dB @ 1 MHz THD, RL = 200
, VOUT = 40 V p-p
0.05% and 0.45 Differential Gain and Phase, RL = 25
(6 Back-Terminated Video Loads)
High Speed
120 MHz Bandwidth (–3 dB)
900 V/ s Differential Slew Rate
70 ns Settling Time to 0.1%
Thermal Shutdown
APPLICATIONS
ADSL, HDSL and VDSL Line Interface Driver
Coil or Transformer Driver
CRT Convergence and Astigmatism Adjustment
Video Distribution Amp
Twisted Pair Cable Driver
FREQUENCY – Hz
–40
–50
–110
100
10M
1k
10k
100k
1M
–60
–70
–80
–90
–100
VS = 15V
G = +10
VOUT = 40V p-p
RL = 50
(DIFFERENTIAL)
RL = 200
(DIFFERENTIAL)
Total Harmonic Distortion vs. Frequency
AMP1
+15V
–15V
RL
120
110
499
VOUT =
40Vp-p
VIN =
4Vp-p
1/2
AD815
1/2
AD815
G = +10
100
100
AMP2
VD =
40Vp-p
1:2
TRANSFORMER
R1 = 15
R2 = 15
499
Subscriber Line Differential Driver
coupling transformer with a greater than 1:1 turns ratio. The
low harmonic distortion of –66 dB @ 1 MHz into 200
Ω
combined with the wide bandwidth and high current drive make
the differential driver ideal for communication applications such
as subscriber line interfaces for ADSL, HDSL and VDSL.
The AD815 differential slew rate of 900 V/
µs and high load drive
are suitable for fast dynamic control of coils or transformers,
and the video performance of 0.05% and 0.45
° differential gain
and phase into a load of 25
Ω enable up to 12 back-terminated
loads to be driven.
Three package styles are available, and all work over the
industrial temperature range (–40
°C to +85°C). Maximum
output power is achieved with the power package available for
through-hole mounting (Y) and surface-mounting (VR). The
24-lead SOIC (RB) is capable of driving 26 dBm for full rate
ADSL with proper heat sinking.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD815AVR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815ARB-24 AD-AD815ARB-24 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD815ARB-24-REEL AD-AD815ARB-24-REEL Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
More results

Similar Description - AD815AVR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
Low Power, High Output Current Differential Amplifier
9/04-Data Sheet Changed from Rev. B to Rev. C
AD815 AD-AD815_05 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
High Output Current Differential Driver
REV. C
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
Wideband, Differential, High Output Current Line Driver with Shutdown
4/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com