Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8170-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD8170-EB
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8170-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8170-EB Datasheet HTML 3Page - Analog Devices AD8170-EB Datasheet HTML 4Page - Analog Devices AD8170-EB Datasheet HTML 5Page - Analog Devices AD8170-EB Datasheet HTML 6Page - Analog Devices AD8170-EB Datasheet HTML 7Page - Analog Devices AD8170-EB Datasheet HTML 8Page - Analog Devices AD8170-EB Datasheet HTML 9Page - Analog Devices AD8170-EB Datasheet HTML 10Page - Analog Devices AD8170-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8170/AD8174
–7–
REV. 0
*WORST CHANNEL
FREQUENCY – MHz
–30
–40
–120
–80
–90
–100
–110
–60
–70
–50
0.5
100
1
10
VOUT = 2V p-p
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
2ND HARMONIC
3RD HARMONIC
Figure 16. Harmonic Distortion vs. Frequency
FREQUENCY – MHz
1M
316k
10
0.1
500
1
10
100
10k
316
100
31.6
100k
31.6k
1k
3.16k
VIN = +0.221V rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
0.03
ENABLE, SD = LOGIC 1; G = +2
ENABLED OUTPUT IMPEDANCE (G = +2)
ENABLE, SD = LOGIC 0, RS(OUT) = 50Ω
DISABLED (OR SHUTDOWN)
OUTPUT IMPEDANCE (G= +2)
ENABLE,
SD = LOGIC 1;
G = +1
DISABLED
(OR SHUTDOWN)
OUTPUT IMPEDANCE
(G = +1)
ENABLED
(OR DISABLED)
INPUT
IMPEDANCE
Figure 17. Input & Output Impedance vs. Frequency
FREQUENCY – MHz
0
–10
0.1
500
1
10
100
–40
–70
–80
–20
–30
–60
–50
VIN = 200mV rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
0.03
–PSRR
+PSRR
Figure 18. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
0
–0.4
1G
1M
10M
100M
–3
–0.1
–0.2
–0.3
–1
–2
0
+0.1
VOUT = 2V p-p
G = +2
RF = 1kΩ
RS(OUT) = 20Ω
CL = 0
–9
–6
–7
–8
–5
–4
CL = 20pF
CL =
50pF
CL = 300pF
CL =
100pF
CL =
100pF
CL = 300pF
CL = 50pF
Figure 19. Frequency Response vs. Capacitive Load, G = +2
VIN = 50mV rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
FREQUENCY – Hz
–0.5
–0.1
–0.2
–0.3
–0.4
0.1
0
0
–9
–5
–6
–7
–8
–3
–4
–1
–2
1M
10M
100M
1G
Figure 20. Small Signal Frequency Response
FREQUENCY – Hz
10
10k
1k
100
1M
100k
180
–45
135
90
45
0
PHASE
TRANSIMPEDANCE
1k
10k
10M
1G
100k
1M
100M
Figure 21. Open-Loop Transresistance and Phase
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com