Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD828 Datasheet(PDF) 7 Page - Analog Devices

Part # AD828
Description  Dual, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD828 Datasheet HTML 3Page - Analog Devices AD828 Datasheet HTML 4Page - Analog Devices AD828 Datasheet HTML 5Page - Analog Devices AD828 Datasheet HTML 6Page - Analog Devices AD828 Datasheet HTML 7Page - Analog Devices AD828 Datasheet HTML 8Page - Analog Devices AD828 Datasheet HTML 9Page - Analog Devices AD828 Datasheet HTML 10Page - Analog Devices AD828 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD828
REV. B
–7–
FREQUENCY – Hz
10
0
–10
100k
1M
100M
10M
–2
–4
–6
–8
2
4
6
8
VOUT
VIN
1k
150
AD828
1k
1pF
VS
15V
5V
+5V
0.1dB
FLATNESS
40MHz
43MHz
18MHz
VS = 5V
VS = +5V
VS =
15V
Figure 22. Closed-Loop Gain vs. Frequency
SUPPLY VOLTAGE –
Volts
0.03
0.01
0.02
0.04
15
0.07
0.05
0.06
510
DIFF GAIN
DIFF PHASE
Figure 23. Differential Gain and Phase vs. Supply Voltage
–30
–70
–110
100k
100M
10M
1M
10k
–90
–50
–60
–80
–100
–40
FREQUENCY – Hz
RL = 150
RL = 1k
Figure 24. Crosstalk vs. Frequency
FREQUENCY – Hz
5
0
–5
100k
1M
100M
10M
–1
–2
–3
–4
1
2
3
4
VS = 5V
VS = +5V
VS =
15V
VOUT
VIN
1k
150
AD828
1k
1pF
VS
15V
5V
+5V
0.1dB
FLATNESS
50MHz
25MHz
19MHz
Figure 25. Closed-Loop Gain vs. Frequency, G = –1
FREQUENCY – Hz
1.0
0
–1.0
100k
1M
100M
10M
–0.2
–0.4
–0.6
–0.8
0.2
0.4
0.6
0.8
VS = 5V
VS = 5V
VS =
15V
Figure 26. Gain Flatness Matching vs. Supply, G = +2
USE GROUND PLANE
PINOUT SHOWN IS FOR MINIDIP PACKAGE
0.1 F
VIN
RL
1/2
AD828
3
2
1
8
1 F
VOUT
5
6
7
4
RL
0.1 F
1 F
–5V
1/2
AD828
+5V
Figure 27. Crosstalk Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com