Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD829 Datasheet(PDF) 6 Page - Analog Devices

Part # AD829
Description  High-Speed, Low-Noise Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD829 Datasheet HTML 2Page - Analog Devices AD829 Datasheet HTML 3Page - Analog Devices AD829 Datasheet HTML 4Page - Analog Devices AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices AD829 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD829–Typical Performance Characteristics
REV. E
–6–
400
350
300
250
200
150
100
AV = +20
SLEW RATE 10 – 90%
60
–
20
–
0
20
40
60
80 100
140
40
–
120
TEMPERATURE – C
VS = 5V
VS = 15V
RISE
FALL
RISE
FALL
Figure 19. Slew Rate vs. Temperature
0.05
0.04
5
10
15
0.03
SUPPLY VOLTAGE – Volts
0.02
0.01
0.03
DIFF PHASE
0.043
DIFF GAIN
Figure 20. Differential Gain & Phase
vs. Supply
+VS
0.1 F
CCOMP
(EXTERNAL)
–VS
0.1 F
OFFSET
NULL
ADJUST
20k
AD829
5pF
300
300
50
HP8130A
5ns RISE TIME
50
CABLE
TEKTRONIX
TYPE 7A24
PREAMP
+15V
0.1 F
CCOMP
15pF
–15V
0.1 F
AD829
50
CABLE
50
50
Figure 22a. Follower Connection. Gain = +2
Figure 22c. Gain-of-2 Follower
Small Signal Pulse Response
Figure 22b. Gain-of-2 Follower
Large Signal Pulse Response
Figure 21. Offset Null and External
Shunt Compensation Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com