Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD830AN Datasheet(PDF) 13 Page - Analog Devices

Part # AD830AN
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830AN Datasheet(HTML) 13 Page - Analog Devices

Back Button AD830AN Datasheet HTML 8Page - Analog Devices AD830AN Datasheet HTML 9Page - Analog Devices AD830AN Datasheet HTML 10Page - Analog Devices AD830AN Datasheet HTML 11Page - Analog Devices AD830AN Datasheet HTML 12Page - Analog Devices AD830AN Datasheet HTML 13Page - Analog Devices AD830AN Datasheet HTML 14Page - Analog Devices AD830AN Datasheet HTML 15Page - Analog Devices AD830AN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD830
REV. A
–13–
Differential Line Receiver
The AD830 was specifically designed to perform as a differen-
tial line receiver. The circuit in Figure 33 shows how simple it is
to configure the AD830 for this function. The signal from sys-
tem “A” is received differentially relative to A’s common, and
that voltage is exactly reproduced relative to the common in sys-
tem B. The common-mode rejection versus frequency, shown in
Figure 1, is excellent, typically 100 dB at low frequencies. The
high input impedance permits the AD830 to operate as a bridg-
ing amplifier across low impedance terminations with negligible
loading. The differential gain and phase specifications are very
good as shown in Figure 7 for 500
Ω and Figure 10 for 150 Ω.
The input and output common should be separated to achieve
the full CMR performance of the AD830 as a differential ampli-
fier. However, a common return path is necessary between sys-
tems A and B.
45
36
AD830
1
2
8
7
A=1
COMMON IN
SYSTEM B
VOUT = V1 – V2
COMMON IN
SYSTEM A
V1
V2
INPUT
SIGNAL
VCM
ZCM
VP
0.1µF
VOUT
VN
0.1µF
GM
GM
C
Figure 33. Differential Line Receiver
Wide Range Level Shifter
The wide common-mode range and accuracy of the AD830 al-
lows easy level shifting of differential signals referred to an input
common-mode voltage to any new voltage defined at the out-
put. The inputs may be referenced to levels as high as 10 V at
the inputs with a
±2 V swing about 10 V. In the circuit of Fig-
ure 34, the output voltage, VOUT, is defined by the simple equa-
tion shown below. The excellent linearity and low distortion are
preserved over the full input and output common-mode range.
The voltage sources need not be of low impedance, since the
high input resistance and modest input bias current of the
AD830 V-to-I converters permit the use of resistive voltage di-
viders as reference voltages.
45
3
6
AD830
1
2
8
7
A=1
OUTPUT
COMMON
VOUT = V1 – V2 + V3
VP
0.1µF
VOUT
VN
0.1µF
GM
GM
INPUT
COMMON
V3
C
V1
V2
INPUT
SIGNAL
Figure 34. Differential Amplification with Level Shifting
Difference Amplifier with Gain > 1
The AD830 can provide instrumentation amplifier style differ-
ential amplification at gains greater than 1. The input signal is
connected differentially and the gain is set via feedback resistors
as shown in Figure 35. The gain, G = (R2 + R1)/R2. The AD830
can provide either inverting or noninverting differential amplifi-
cation. The polarity of the gain is established by the polarity of
the connection at the input. Feedback resistors R2 should gener-
ally be R2
≤ 1 kΩ to maintain closed-loop stability and also keep
bias current induced offsets low. Highest CMRR and lowest dc
offsets are preserved by including a compensating resistor in
series with Pin 3. The gain may be as high as 100.
4
5
36
AD830
1
2
8
7
A=1
VOUT = (V1 – V2) (1+R1 /R2)
VP
0.1µF
VOUT
VN
0.1µF
GM
GM
R1
R2
ZCM
R1 R2
V1
V2
INPUT
SIGNAL
C
VCM
Figure 35. Gain of G Differential Amplifier, G > 1
Offsetting the Output with Gain
Some applications, such as A/D drivers, require that the signal
be amplified and also offset, typically to accommodate the input
range of the device. The AD830 can offset the output signal
very simply through Pin 3 even with gain > 1. The voltage ap-
plied to Pin 3 must be attenuated by an appropriate factor so
that V3
G = desired offset. In Figure 36, a resistive divider
from a voltage reference is used to produce the attenuated offset
voltage.
45
3
6
AD830
1
2
8
7
A=1
VOUT = (V1 – V2) (1+R1 /R2)
V1
V2
INPUT
SIGNAL
VP
0.1µF
VOUT
VN
0.1µF
GM
GM
R3
R4
ZCM
R2
R1
R1 R2
V3
VREF
C
VCM
Figure 36. Offsetting the Output with Differential Gain > 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com