Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8313ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8313ARM Datasheet HTML 7Page - Analog Devices AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices AD8313ARM Datasheet HTML 10Page - Analog Devices AD8313ARM Datasheet HTML 11Page - Analog Devices AD8313ARM Datasheet HTML 12Page - Analog Devices AD8313ARM Datasheet HTML 13Page - Analog Devices AD8313ARM Datasheet HTML 14Page - Analog Devices AD8313ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8313
–11–
REV. B
A positive input step on VSET (indicating a demand for in-
creased power from the PA) will drive VOUT towards ground.
This should be arranged to increase the gain of the PA. The
loop will settle when VOUT settles to a voltage that sets the input
power to the AD8313 to the dB equivalent of VSET.
Input Coupling
The signal may be coupled to the AD8313 in a variety of ways.
In all cases, there must not be a dc path from the input pins to
ground. Some of the possibilities include: dual input coupling
capacitors, a flux-linked transformer, a printed-circuit balun,
direct drive from a directional coupler, or a narrow-band imped-
ance matching network.
Figure 30 shows a simple broadband resistive match. A termina-
tion resistor of 53.6
Ω combines with the internal input imped-
ance of the AD8313 to give an overall resistive input impedance
of approximately 50
Ω. The termination resistor should prefer-
ably be placed directly across the input pins, INHI to INLO,
where it serves to lower the possible deleterious effects of dc
offset voltages on the low end of the dynamic range. At low
frequencies, this may not be quite as attractive, since it necessi-
tates the use of larger coupling capacitors. The two 680 pF
input coupling capacitors set the high-pass corner frequency of
the network at 9.4 MHz.
RMATCH
53.6
C1
680pF
C2
680pF
CIN
RIN
AD8313
50
50
SOURCE
Figure 30. A Simple Broadband Resistive Input Termination
The high pass corner frequency can be set higher according to
the equation:
f
C
dB
3
1
250
=
×× ×
π
where: C
CC
CC
=
×
+
12
12
In high frequency applications, the use of a transformer, balun
or matching network is advantageous. The impedance match-
ing characteristics of these networks provide what is essentially a
gain stage before the AD8313 that increases the device sensitiv-
ity. This gain effect is further explored in the following match-
ing example.
Figures 31 and 32 show device performance under these three
input conditions at 900 MHz and 1900 MHz.
While the 900 MHz case clearly shows the effect of input
matching by realigning the intercept as expected, little improve-
ment is seen at 1.9 GHz. Clearly, if no improvement in sensitiv-
ity is required, a simple 50
Ω termination may be the best choice
for a given design based on ease of use and cost of components.
INPUT AMPLITUDE – dBm
–80
–70
–60
–50
–40
–30
–20
–10
3
2
1
0
–1
–2
–3
TERMINATED
DR = 66dB
–90
10
0
BALANCED
MATCHED
BALANCED
DR = 71dB
MATCHED
DR = 69dB
Figure 31. Comparison of Terminated, Matched and
Balanced Input Drive at 900 MHz
INPUT AMPLITUDE – dBm
–80
–70
–60
–50
–40
–30
–20
–10
0
3
2
1
0
–1
–2
–3
–90
10
TERMINATED
DR = 75dB
BALANCED
BALANCED
DR = 75dB
MATCHED
DR = 73dB
MATCHED
TERMINATED
Figure 32. Comparison of Terminated, Matched and
Balanced Input Drive at 1900 MHz
A Narrow-Band LC Matching Example at 100 MHz
While numerous software programs are available that allow the
values of matching components to be easily calculated, a clear
understanding of the calculations involved is valuable. A low
frequency (100 MHz) value has been used for this exercise
because of the deleterious board effects at higher frequencies.
RF layout simulation software is useful when board design at
higher frequencies is required.
A narrow-band LC match can be implemented either as a
series-inductance/shunt-capacitance or as a series-capacitance/
shunt-inductance. However, the concurrent requirement that the
AD8313 inputs, INHI and INLO, be ac-coupled, makes a
series-capacitance/shunt-inductance type match more appropri-
ate (see Figure 33).
LMATCH
C1
C2
CIN
RIN
AD8313
50
50
SOURCE
Figure 33. Narrow-Band Reactive Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com