Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8322 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8322
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8322 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8322 Datasheet HTML 5Page - Analog Devices AD8322 Datasheet HTML 6Page - Analog Devices AD8322 Datasheet HTML 7Page - Analog Devices AD8322 Datasheet HTML 8Page - Analog Devices AD8322 Datasheet HTML 9Page - Analog Devices AD8322 Datasheet HTML 10Page - Analog Devices AD8322 Datasheet HTML 11Page - Analog Devices AD8322 Datasheet HTML 12Page - Analog Devices AD8322 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD8322
–9–
in an adjacent channel which could be occupied by a carrier of
the same or different symbol rates.” Figure 7 shows the measured
ACP, for a 16 QAM, 60 dBmV signal, taken at the output of the
AD8322 evaluation board (see Figure 13 for evaluation board
schematic). The transmit channel width and adjacent channel
width in Figure 7 correspond to symbol rates of 160 KSYM/SEC.
Table II shows the ACP results for the AD8322 for all conditions
in DOCSIS Table 4-7 “Adjacent Channel Spurious Emissions.”
–10
–20
–30
–40
–70
–50
–60
–80
CENTER 10MHz
60kHz
SPAN 600kHz
CL1
C0
C0
CU1
CL1
RBW 500Hz RF ATT 40dB
VBW 5kHz
SWT 12s UNIT dBm
CH PWR 5.39dBm
ACP UP –54.22dB
ACP LOW –56.84dB
F1
CU1
Figure 7. Adjacent Channel Power
Table II. ACP Performance for All DOCSIS Conditions
(All Values in dBc)
TRANSMIT
CHANNEL
SYMBOL RATE
2560 KSYM/SEC
–54.2
160 KSYM/SEC 320 KSYM/SEC 640 KSYM/SEC 1280 KSYM/SEC 2560 KSYM/SEC
ADJACENT CHANNEL SYMBOL RATE
–54.7
–55.4
–53.8
–54.6
–54.6
–54.0
–54.1
–54.5
–53.9
–54.1
–53.9
–54.2
–54.2
–54.2
160 KSYM/SEC
320 KSYM/SEC
640 KSYM/SEC
1280 KSYM/SEC
–56.6
–55.1
–54.4
–54.3
–53.8
–55.9
–54.8
–54.1
–53.7
–53.5
Noise and DOCSIS
At minimum gain, the AD8322’s output noise spectral density is
12 nV/
√Hz measured at 10 MHz. DOCSIS Table 4-8, “Spurious
Emissions in 5 MHz to 42 MHz” specifies the output noise for
various symbol rates. The calculated noise power in dBmV for
160 KSYM/SEC is:
20
12
160
60
46 4
2
log
–
.
nV
Hz
kHz
dBmV


×


+=
Comparing the computed noise power of –46.4 dBmV to the
8 dBmV signal yields –54.4 dBc, which meets the required level
of –53 dBc set forth in DOCSIS Table 4-8. As the AD8322’s
gain is increased from this minimum value, the output signal
increases at a faster rate than the noise, resulting in a signal-to-
noise ratio that improves with gain. In transmit disable mode
the output noise spectral density computed over 160 KSYM/SEC is
1.0 nV/
√Hz or –68 dBmV.
Evaluation Board Features and Operation
The AD8322 evaluation board (Part # AD8322-EVAL) and
control software can be used to control the AD8322 upstream
cable driver via the parallel port of a PC. A standard printer cable
connected between the parallel port and the evaluation board is
used to feed all the necessary data to the AD8322 by means of the
Windows
® based, Microsoft Visual Basic control software. This
package provides a means of evaluating the amplifier by provid-
ing a convenient way to program the gain/attenuation as well
as offering easy control of the amplifiers asynchronous
PD pin.
With this evaluation kit the AD8322 can be evaluated with either
a single-ended or differential input configuration. The amplifier
can also be evaluated with or without the PULSE diplexer in the
output signal path. To remove the diplexer from the signal path,
move the two 0
Ω chip resistors R18 and R10 to locations R11 and
R20. A schematic of the evaluation board is provided in Figure 13.
Overshoot on PC Printer Ports
The data lines on some PC parallel printer ports have excessive
overshoot that may cause communications problems when pre-
sented to the CLK pin of the AD8322 (TP5 on the evaluation
board). The evaluation board was designed to accommodate
a series resistor and shunt capacitor (R1 and C15) to filter the
CLK signal if required.
Transformer and Diplexer
A 1:1 transformer is needed to couple the differential outputs of
the AD8322 to the cable while maintaining a proper impedance
match. The specified transformer is available from TOKO (Part
# 617DB-A0070), however, MA/COM part # ETC-1-1T-15
can also be used. The evaluation board is equipped with the
TOKO transformer, but is also designed to accept the MA/COM
transformer. The PULSE diplexer included on the evaluation
board provides a high-order low-pass filter function, typically
used in the upstream path. The ability of the PULSE diplexer to
achieve DOCSIS compliance is neither expressed nor implied by
Analog Devices Inc. Data on the diplexer should be obtained
from PULSE.
Differential Inputs
The AD8322-EVAL evaluation board is designed to accommo-
date a Mini-Circuits T1-6T-KK81 1:1 transformer for the purpose
of converting a single-ended (ground referenced) input signal to
differential inputs. Figure 8 and the following paragraphs iden-
tify three options for providing differential input signals to the
AD8322 evaluation board.
Windows is a registered trademark of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com