Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8348
Description  50-1000 MHz Quadrature Demodulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8348 Datasheet HTML 3Page - Analog Devices AD8348 Datasheet HTML 4Page - Analog Devices AD8348 Datasheet HTML 5Page - Analog Devices AD8348 Datasheet HTML 6Page - Analog Devices AD8348 Datasheet HTML 7Page - Analog Devices AD8348 Datasheet HTML 8Page - Analog Devices AD8348 Datasheet HTML 9Page - Analog Devices AD8348 Datasheet HTML 10Page - Analog Devices AD8348 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PRELIMINARY TECHNICAL DATA
Rev. PrF 2/11/03
- 7 -
Theory of operation
VGA
The VGA is implemented using the patented X-AMP
architecture. The single-ended IF signal is attenuated in eight
discrete 6-dB steps by a passive R-2R ladder. Each discrete
attenuated version of the IF signal is applied to the input of a
transconductance stage. The current outputs of all
transconductance stages are summed together and drive a
resistive load at the output of the VGA. Gain control is
achieved by smoothly turning on and off the relevant
transconductance stages with a temperature-compenstated
interpolation circuit. This scheme allows the gain to
continuously varied over a 48dB range with linear-in-dB gain
control. This configuration also keeps the relative dynamic
range constant (e.g. IIP3-NF in dB) over gain setting. The
absolute intermodulation intercepts and noise figure, however,
vary directly with gain. The analog voltage VGIN sets the
gain. VGIN=0V is the maximum gain setting, and
VGIN=1.2V is the minimum voltage gain setting.
Downconversion mixers
The output of the VGA drives two (I & Q) double-balanced
Gilbert-cell down-conversion mixers. Alternatively, the
VGA can be disabled by driving the ENVG pin low and the
mixers can be driven directly externally via the MXIP, MXIN
port. At the input of the mixer, a degenerated differential pair
performs linear voltage-to-current conversion. The
differential output current feeds into the mixer core where it is
downconverter by the mixing action of the Gilbert cell. The
phase splitter provides quadrature LO signals which drive the
LO ports of the in- phase and quadrature mixers.
Buffers at the output of each mixer drive pins IMXO and
QMXO respectively. These linear, low-output impedance
buffers drive 40ohm temperature-stable, passive resistors in
series with each of the output pins (IMXO, QMXO). This
40ohms should be considered when calculating the reverse
termination if an external filter is inserted between
IMXO(QMXO) and IAIN(QAIN). The DC output level of
the buffer is set by the VCMO pin. This can be set externally
or connected to the on-chip 1.0V reference VREF.
Phase splitter
Quadrature generation is achieved using a divide-by-two
frequency divider. Unlike a poly-phase filter which achieves
quadrature over a limited frequency range, the divide-by-two
approach maintains quadrature over a broad frequency range
and does not attenuate the LO. The user, however, must
provide an external reference XLO which is twice the
frequency of the desired LO frequency. XLO drives the clock
inputs of two flip-flops which divide down the frequency by a
factor of two. The outputs of the two flip-flops are one half-
period of XLO out of phase. Equivalently, the outputs are one
quarter-period (90 degrees) of the desired LO frequency out of
phase. Because the transitions on XLO define the phase
difference at the outputs, deviation from 50% duty cycle
translates directly to quadrature phase errors.
Baseband amplifiers
Two (I &Q) fixed-gain (20dB), single-ended to differential
amplifers are provided to amplify the demodulated signal after
off-chip filtering. The amplifiers use voltage feedback to
linearize the gain over the demolation bandwidth. These
amplifiers can be used to maximize the dynamic range at the
input of an ADC following the AD8348.
The input to the baseband amplifiers IAIN (QAIN) feeds into
the base of a bipolar transistor with an input impedance of
roughly 100kohm. The baseband amplifiers sense the single-
ended difference between IAIN (QAIN) and VCMO. IAIN
can be DC biased by terminating with a shunt resistor to
VCMO, such as when an external filter is inserted between
IMXO (QMXO) and IAIN (QAIN). Alternatively, any DC
connection to IMXO (QXMO) can provide appropriate bias
via the offset-nulling loop.
Bias
The global bias for the chip is controlled by a master biasing
cell that can be disabled using the ENBL pin. If the ENBL is
held low, the entire chip will power down to a low-power
sleep mode typically consuming 60uA at 5V.
Baseband offset cancellation
A low output current integrator senses the output voltage
offset at IOPP,IOPN (QOPP,QOPN) and injects a nulling
current into the signal path. The integration time constant of
the offset nulling loop is set by capacitor COFS from IOFS
(QOFS) to VCMO. This forms a high-pass response for the
baseband signal path with a lower 3dB frequency of
1
2
200
pass
OFS
f
C
π
=
⋅Ω⋅
Alternatively, the user can externally adjust the DC offset by
driving IOFS (QOFS) with a digital-to-analog converter or
other voltage source. In this case, the baseband circuit will
operate all the way down to DC (fpass=0Hz). The integrator
output current is only 50uA and can be easily overridden with
an external voltage source. The IOFS (QOFS) pin must be
either connected to a bypass capacitor (>0.1uF) or an external
voltage source to prevent the feedback loop from oscillating.
AD8348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com