Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA9550LR1 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA9550LR1
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LR1 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA9550LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MMA955xL
Sensors
Freescale Semiconductor, Inc.
11
3.2.2
Sensing Direction and Output Response
The following figure shows the device’s default sensing direction when measuring gravity in a static manner. Also included are
the standard abbreviations or names for the six different orientation modes: portrait up/down, landscape left/right and back/front.
Figure 6. Sensing direction and output response
3.2.3
Pin Functions
The following table summarizes functional options for each pin on this device.
Table 3. Pin functions
Pin #
Pin Function #1(1)
1.
Pin function #1 represents the reset state of the hardware. Pin functions can be changed via the SIM pin, mux-control registers in Freescale or user firmware.
Pin Function #2
Pin Function #3
Description
1
VDD
Digital power supply
2
BKGD/MS
RGPIO9
Background-debug / Mode select / RGPIO9
3
RESETB(2)
2.
RESETB is an open-drain, bidirectional pin. Reset must be pulled high at startup. After startup, Reset may be asserted to reset the device.
Active-low reset
4
SCL0
RGPIO0
SCLK
Serial clock for slave I2C / RGPIO0 / Serial clock for slave SPI
5
VSS
Digital ground
6
SDA0
RGPIO1
SDI
Serial data for slave I2C / RGPIO1 / SPI serial data input
7RGPIO2
SCL1
SDO
RGPIO2 / Serial clock for master I2C / SPI serial data output
8(3)
3.
RGPIO3/SDA1/SSB = Low at startup selects SPI. High at startup selects I2C. This is a function of the application boot code, not of the hardware.
RGPIO3
SDA1
SSB
RGPIO3 / Serial data for master I2C / SPI slave select
9
RGPIO4
INT
RGPIO4 / Interrupt input
10
RESERVED (Connect to VSS)
(Must be grounded externally.)
11
RGPIO5
PDB_A
INT_O
RGPIO5 / PDB_A / INT_O slave-port interrupt output
12
RGPIO6
AN0
TPMCH0
RGPIO6 / ADC Input 0 / TPM Channel 0
13
RGPIO7
AN1
TPMCH1
RGPIO7 / ADC Input 1 / TPM Channel 1
14
VDDA
Analog power
15
RGPIO8
PDB_B
RGPIO8 / PDB_B
16
VSSA
Analog ground
Top View
PU
Gravity
Pin 1
Xout @ 0g
Yout @ -1g
Zout @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com