Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA3201KEG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA3201KEG
Description  Surface Mount Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3201KEG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA3201KEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA3201KEG Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Sensors
Freescale Semiconductor, Inc.
9
MMA3201KEG
98ASA10651D
ISSUE O
16-LEAD QFN
DATE 06/28/04
CASE 1622-01
ISSUE O
NOTES:
1.
2.
3.
4.
5.
6.
7.
ALL DIMENSIONS ARE IN MILLIMETERS.
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
THIS DIMENSION APPLIES TO METALLIZED
TERMINAL AND IS MEASURED BETWEEN 0.25MM
AND 0.30MM FROM TERMINAL TIP.
THIS DIMENSION REPRESENTS TERMINAL FULL
BACK FROM PACKAGE EDGE UP TO 0.1MM IS
ACCEPTABLE.
COPLANARITY APPLIES TO THE EXPOSED HEAT
SLUG AS WELL AS THE TERMINAL.
RADIUS ON TERMINAL IS OPTIONAL.
MINIMUM METAL GAP 0.2MM.
(45˚)
16X
0.1
4
DETAIL M
PIN 1
INDEX AREA
6
B
C
0.10
2X
2X
C
0.10
A
6
M
M
(0.203)
C
0.1
C
0.08
C SEATING PLANE
5
DETAIL G
VIEW ROTATED 90˚ CLOCKWISE
(1)
(0.5)
(0.102)
1.45±0.1
EXPOSED DIE
ATTACH PAD
13
4
1
16
12X
9
12
85
M
0.1
C
M
0.05
C
A B
16X 0.63
0.43
C
0.1
A B
VIEW M-M
DETAIL M
PIN 1 INDEX
DETAIL G
C
0.1
A B
16X
0.60
0.40
1
4.24
4.04
4.24
4.04
0.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com