Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8361 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8361
Description  LF to 2.5 GHz TruPwr??Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361 Datasheet(HTML) 2 Page - Analog Devices

  AD8361 Datasheet HTML 1Page - Analog Devices AD8361 Datasheet HTML 2Page - Analog Devices AD8361 Datasheet HTML 3Page - Analog Devices AD8361 Datasheet HTML 4Page - Analog Devices AD8361 Datasheet HTML 5Page - Analog Devices AD8361 Datasheet HTML 6Page - Analog Devices AD8361 Datasheet HTML 7Page - Analog Devices AD8361 Datasheet HTML 8Page - Analog Devices AD8361 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. A
AD8361–SPECIFICATIONS
(TA = 25 C, VS = 3 V, fRF = 900 MHz, ground reference output mode, unless otherwise
noted.)
Parameter
Condition
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
(Input RFIN)
Frequency Range
1
2.5
GHz
Linear Response Upper Limit
VS = 3 V
390
mV rms
Equivalent dBm re 50
Ω
4.9
dBm
VS = 5 V
660
mV rms
Equivalent dBm re 50
Ω
9.4
dBm
Input Impedance
2
225 1
Ω pF
RMS CONVERSION
(Input RFIN to Output V rms)
Conversion Gain
7.5
V/V rms
fRF = 100 MHz, VS = 5 V
6.5
8.5
V/V rms
Dynamic Range
Error Referred to Best Fit Line
3
±0.25 dB Error4
CW Input, –40
°C < T
A < +85
°C14
dB
±1 dB Error
CW Input, –40
°C < T
A < +85
°C23
dB
±2 dB Error
CW Input, –40
°C < T
A < +85
°C26
dB
CW Input, VS = 5 V, –40
°C < T
A < +85
°C30
dB
Intercept-Induced Dynamic
Internal Reference Mode
1
dB
Range Reduction
5, 6
Supply Reference Mode, VS = 3.0 V
1
dB
Supply Reference Mode, VS = 5.0 V
1.5
dB
Deviation from CW Response
5.5 dB Peak-to-Average Ratio (IS95 Reverse Link)
0.2
dB
12 dB Peak-to-Average Ratio (W-CDMA 4 Channels)
1.0
dB
18 dB Peak-to-Average Ratio (W-CDMA 15 Channels)
1.2
dB
OUTPUT INTERCEPT
5
Inferred from Best Fit Line
3
Ground Reference Mode (GRM)
0 V at SREF, VS at IREF
0
V
fRF = 100 MHz, VS = 5 V
–50
+150
mV
Internal Reference Mode (IRM)
0 V at SREF, IREF Open
350
mV
fRF = 100 MHz, VS = 5 V
300
500
mV
Supply Reference Mode (SRM)
0 V at IREF, 3 V at SREF
400
mV
fRF = 100 MHz, VS = 5 V
590
750
mV
0 V at IREF, VS at SREF
VS/7.5
V
POWER-DOWN INTERFACE
PWDN HI Threshold
2.7
≤ VS ≤ 5.5 V, –40
°C < T
A < +85
°CV
S – 0.5
V
PWDN LO Threshold
2.7
≤ VS ≤ 5.5 V, –40
°C < T
A < +85
°C0.1
V
Power-Up Response Time
2 pF at FLTR Pin, 224 mV rms at RFIN
5
µs
100 nF at FLTR Pin, 224 mV rms at RFIN
320
µs
PWDN Bias Current
<1
µA
POWER SUPPLIES
Operating Range
–40
°C < T
A < +85
°C2.7
5.5
V
Quiescent Current
0 mV rms at RFIN, PWDN Input LO
7
1.1
mA
Power-Down Current
GRM or IRM, 0 mV rms at RFIN, PWDN Input HI
<1
µA
SRM, 0 mV rms at RFIN, PWDN Input HI
10
× V
S
µA
NOTES
1Operation at arbitrarily low frequencies is possible; see Applications section.
2Figure 13 and Figure 40 show impedance vs. frequency for the micro_SOIC and SOT respectively.
3Calculated using linear regression.
4Compensated for output reference temperature drift; see Applications section.
5SOT-23-6L operates in ground reference mode only.
6The available output swing, and hence the dynamic range, is altered by both supply voltage and reference mode; see Figures 35 and 36.
7Supply current is input level dependant; see Figure 12.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com