Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8367ARU Datasheet(PDF) 9 Page - Analog Devices

Part # AD8367ARU
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8367ARU Datasheet HTML 5Page - Analog Devices AD8367ARU Datasheet HTML 6Page - Analog Devices AD8367ARU Datasheet HTML 7Page - Analog Devices AD8367ARU Datasheet HTML 8Page - Analog Devices AD8367ARU Datasheet HTML 9Page - Analog Devices AD8367ARU Datasheet HTML 10Page - Analog Devices AD8367ARU Datasheet HTML 11Page - Analog Devices AD8367ARU Datasheet HTML 12Page - Analog Devices AD8367ARU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD8367
–9–
THEORY OF OPERATION
The AD8367 is a variable gain single-ended IF amplifier based
on Analog Devices’ patented X-AMP architecture. It offers
accurate gain control with a 45 dB span and a 3 dB bandwidth
of 500 MHz. It can be configured as a traditional VGA with
50 dB/V gain scaling or as an AGC amplifier by using the built-
in rms detector. Figure 1 is a simplified block diagram of the
amplifier. The main signal path consists of a voltage-controlled
0 dB to 45 dB variable attenuator followed by a 42.5 dB fixed
gain amplifier. The AD8367 is designed to operate optimally in
a 200
Ω impedance system.
GAIN INTERPOLATOR
gm
gm
gm
gm
GAIN
INPT
ATTENUATOR LADDER
0dB
–5dB –10dB
–45dB
INTEGRATOR
OUTPUT
BUFFER
VOUT
200
VOUT –42.5dB
Figure 1. The Simplified Architecture
Input Attenuator and Gain Control
The variable attenuator consists of a 200
Ω single-ended resis-
tive ladder comprising nine 5 dB sections and an interpolator
that selects the attenuation factor. Each tap point down the
ladder network further attenuates the input signal by a fixed
decibel factor. Gain control is achieved by sensing different tap
points with variable transconductance stages. Based on the gain
control voltage, an interpolator selects which stage(s) are active.
For example, if only the first stage is active, the 0 dB tap point is
sensed; if the last stage is active, the 45 dB tap point is sensed.
Attenuation levels that fall between tap points are achieved by
having neighboring gm stages active simultaneously, creating a
weighted average of the discrete tap point attenuations. In this
way, a smooth, monotonic attenuation function is synthesized
that is linear-in-dB with a very precise scaling.
The gain of the AD8367 can be an increasing or decreasing
function of the control voltage, VGAIN, depending on whether
the MODE pin is pulled up to the positive supply or down to
ground. When the MODE pin is high, the gain increases with
VGAIN as shown in Figure 2. The ideal linear-in-dB scaled trans-
fer function is given by,
Gain (dB)
=×
−
50
5
VGAIN
(1)
where VGAIN is expressed in volts. Equation 1 contains the
gain scaling factor of 50 dB/V (20 mV/dB) and the gain intercept
of –5 dB which represents the extrapolated gain for VGAIN =0 V.
The gain ranges from –2.5 dB to 42.5 dB for VGAIN ranging from
50 mV to 950 mV. The deviation from (1), that is, the gain
conformance error, is also illustrated in Figure 2. The ripples in
the error are a result of the interpolation action between tap points.
The AD8367 provides better than
±0.5 dB of conformance error
over >40 dB gain range at 200 MHz and
±1 dB at 400 MHz.
VGAIN – V
44
20
–4
40
24
16
0
32
28
12
36
8
4
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–0.4
1.6
0
–0.8
–2.4
0.8
0.4
–1.2
1.2
–1.6
–2.0
2.0
LO MODE
HI MODE
50dB/V
GAIN
SLOPE
Figure 2. The gain function can be either an increas-
ing or decreasing function of VGAIN depending on the
MODE pin.
The gain is a decreasing function of VGAIN when the MODE pin
is low. Figure 2 also illustrates this mode which is described by
Gain (dB)
=−×
45
50 VGAIN
(2)
This gain mode is required in AGC applications using the built-
in square-law level detector.
Input and Output Interfaces
The AD8367 was designed to operate best in a 200
Ω impedance
system. Its gain range, conformance law, noise and distortion
assume that 200
Ω source and load impedances are used. Interfacing
the AD8367 to other common impedances (from 50
Ω used at
radio frequencies to 1 k
Ω presented by data-converters) can be
accomplished using resistive or reactive passive networks, whose
design depends on specific system requirements such as bandwidth,
return loss, noise figure and absolute gain range.
The input impedance of the AD8367 is nominally 200
Ω, deter-
mined by the resistive ladder network. This presents a 200
Ω dc
resistance to ground, and in cases where an elevated signal poten-
tial is used, ac coupling is necessary. The input signal level must
not exceed 700 mV p-p to avoid overloading the input stage. The
output impedance is determined by an internal 50
Ω damping
resistor, as shown in the simplified schematic in Figure 3.
FROM
INTEGRATOR
VB1
VB2
50
VOUT
Figure 3. A 50
Ω Resistor is Added to the Output to
Prevent Package Resonance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com