Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2202AP Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPX2202AP
Description  200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2202AP Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPX2202AP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 13Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 14Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPX2202AP Datasheet HTML 19Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MPX2202
Sensors
Freescale Semiconductor, Inc.
17
Pressure
PACKAGE DIMENSIONS
CASE 1320A-02
ISSUE A
MPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com