Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD842 Datasheet(PDF) 1 Page - Analog Devices

Part # AD842
Description  Wideband, High Output Current, Fast Settling Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD842 Datasheet(HTML) 1 Page - Analog Devices

  AD842 Datasheet HTML 1Page - Analog Devices AD842 Datasheet HTML 2Page - Analog Devices AD842 Datasheet HTML 3Page - Analog Devices AD842 Datasheet HTML 4Page - Analog Devices AD842 Datasheet HTML 5Page - Analog Devices AD842 Datasheet HTML 6Page - Analog Devices AD842 Datasheet HTML 7Page - Analog Devices AD842 Datasheet HTML 8Page - Analog Devices AD842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD842*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Wideband, High Output Current,
Fast Settling Op Amp
PRODUCT DESCRIPTION
The AD842 is a member of the Analog Devices family of wide
bandwidth operational amplifiers. This device is fabricated using
Analog Devices’ junction isolated complementary bipolar (CB)
process. This process permits a combination of dc precision and
wideband ac performance previously unobtainable in a mono-
lithic op amp. In addition to its 80 MHz gain bandwidth, the
AD842 offers extremely fast settling characteristics, typically
settling to within 0.01% of final value in less than 100 ns for a
10 volt step.
The AD842 also offers a low quiescent current of 13 mA, a high
output current drive capability (100 mA minimum), a low input
voltage noise of 9 nV
√Hz and a low input offset voltage (1 mV
maximum).
The 375 V/
µs slew rate of the AD842, along with its 80 MHz
gain bandwidth, ensures excellent performance in video and
pulse amplifier applications. This amplifier is ideally suited for
use in high frequency signal conditioning circuits and wide
bandwidth active filters. The extremely rapid settling time of
the AD842 makes this amplifier the preferred choice for data
acquisition applications which require 12-bit accuracy. The
AD842 is also appropriate for other applications such as high
speed DAC and ADC buffer amplifiers and other wide band-
width circuitry.
APPLICATION HIGHLIGHTS
1. The high slew rate and fast settling time of the AD842 make
it ideal for DAC and ADC buffers amplifiers, lines drivers
and all types of video instrumentation circuitry.
2. The AD842 is a precision amplifier. It offers accuracy to
0.01% or better and wide bandwidth; performance previously
available only in hybrids.
3. Laser-wafer trimming reduces the input offset voltage of
1 mV max, thus eliminating the need for external offset
nulling in many applications.
4. Full differential inputs provide outstanding performance in
all standard high frequency op amp applications where the
circuit gain will be 2 or greater.
5. The AD842 is an enhanced replacement for the HA2542.
FEATURES
AC PERFORMANCE
Gain Bandwidth Product: 80 MHz (Gain = 2)
Fast Settling: 100 ns to 0.01% for a 10 V Step
Slew Rate: 375 V/ s
Stable at Gains of 2 or Greater
Full Power Bandwidth: 6.0 MHz for 20 V p-p
DC PERFORMANCE
Input Offset Voltage: 1 mV max
Input Offset Drift: 14
V/ C
Input Voltage Noise: 9 nV/
√Hz typ
Open-Loop Gain: 90 V/mV into a 500
Load
Output Current: 100 mA min
Quiescent Supply Current: 14 mA max
APPLICATIONS
Line Drivers
DAC and ADC Buffers
Video and Pulse Amplifiers
Available in Plastic DIP, Hermetic Metal Can,
Hermetic Cerdip, SOIC and LCC Packages and in
Chip Form
MIL-STD-883B Parts Available
Available in Tape and Reel in Accordance with
EIA-481A Standard
CONNECTION DIAGRAMS
Plastic DIP (N) Package
and
Cerdip (Q) Package
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC
NC
BALANCE
–INPUT
+INPUT
V–
NC
NC
BALANCE
NC
V+
OUTPUT
NC
NC
NC = NO CONNECT
AD842
+
LCC (E) Package
NC
–IN
NC
+IN
NC
NC
NC
+VS
OUTPUT
+
AD842
18
17
16
15
14
4
5
6
7
8
NC
NC = NO CONNECT
TO-8 (H) Package
NC
NC
NC
NC
NC = NO CONNECT
NC
BALANCE
–INPUT
+INPUT
V–
V+
OUTPUT
BALANCE
TOP VIEW
+
AD842
NOTE: CAN BE TIED TO V+
SOIC (R-16) Package
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
BALANCE
–INPUT
NC
+INPUT
NC
–VS
NC
BALANCE
+VS
NC
OUTPUT
NC
NC
NC
+
NC = NO CONNECT
AD842
NC
NC
*Covered by U.S. Patent Nos. 4,969,823 and 5,141,898.


Similar Part No. - AD842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD842 AD-AD842 Datasheet
400Kb / 17P
Wideband, High Output Current Fast Settling Op Amp
2/14-Rev. E to Rev. F
AD8420 AD-AD8420 Datasheet
256Kb / 10P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8420 AD-AD8420 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
AD8420ARMZ AD-AD8420ARMZ Datasheet
256Kb / 10P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
More results

Similar Description - AD842

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
Fast Settling, High Current Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
Wideband, Fast Settling Op Amp
REV.C
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
Fast Settling, High Current Wideband Op Amp
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
Fast Settling, High Current Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
AD842 AD-AD842_15 Datasheet
360Kb / 16P
Wideband, High Output Current Fast Settling Op Amp
Rev. F
AD842 AD-AD842_17 Datasheet
400Kb / 17P
Wideband, High Output Current Fast Settling Op Amp
2/14-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com